Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38038F6L-XXXWG Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M38038F6L-XXXWG
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38038F6L-XXXWG Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M38038F6L-XXXWG Datasheet HTML 4Page - Renesas Technology Corp M38038F6L-XXXWG Datasheet HTML 5Page - Renesas Technology Corp M38038F6L-XXXWG Datasheet HTML 6Page - Renesas Technology Corp M38038F6L-XXXWG Datasheet HTML 7Page - Renesas Technology Corp M38038F6L-XXXWG Datasheet HTML 8Page - Renesas Technology Corp M38038F6L-XXXWG Datasheet HTML 9Page - Renesas Technology Corp M38038F6L-XXXWG Datasheet HTML 10Page - Renesas Technology Corp M38038F6L-XXXWG Datasheet HTML 11Page - Renesas Technology Corp M38038F6L-XXXWG Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 119 page
background image
Rev.1.01
Jan 25, 2008
Page 8 of 117
REJ03B0212-0101
3803 Group (Spec.L)
GROUP EXPANSION
Renesas plans to expand the 3803 group (Spec.L) as follows.
Memory Size
• Flash memory size .....................................................60 Kbytes
• Mask ROM size .........................................................60 Kbytes
• RAM size ................................................................. 2048 bytes
Packages
• PRDP0064BA-A (64P4B)
..............................................64-pin shrink plastic-molded DIP
• PLQP0064KB-A (64P6Q-A)
...........................................0.5 mm-pitch plastic molded LQFP
• PLQP0064GA-A (64P6U-A)
...........................................0.8 mm-pitch plastic molded LQFP
• PTLG0064JA-A (64F0G)
........................................ 0.65 mm-pitch plastic molded FLGA
Fig 6.
Memory expansion plan
NOTE:
1. ROM size includes the ID code area.
Table 3
Support products
Part No.
ROM size (bytes)
ROM size for User in ( )
RAM size
(bytes)
Package
Remarks
M38039MFL-XXXSP
61440
(61310)
2048
PRDP0064BA-A (64P4B)
Mask ROM version
M38039MFL-XXXHP
PLQP0064KB-A (64P6Q-A)
M38039MFL-XXXKP
PLQP0064GA-A (64P6U-A)
M38039MFL-XXXWG
PTLG0064JA-A (64F0G)
M38039FFLSP
57344+4096 (NOTE)
2048
PRDP0064BA-A (64P4B)
Flash memory version
VCC = 2.7 to 5.5 V
M38039FFLHP
PLQP0064KB-A (64P6Q-A)
M38039FFLKP
PLQP0064GA-A (64P6U-A)
M38039FFLWG
PTLG0064JA-A (64F0G)
Memory Expansion Plan
512
12 K
16 K
20 K
24 K
28 K
32 K
384
768
640
8 K
1024
896
1280
1152
1408
2048
1536
ROM size (bytes)
RAM size (bytes)
4032
3072
48 K
60 K
M38039MFL
M38039FFL


Similar Part No. - M38038F6L-XXXWG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38038F6L-XXXWG RENESAS-M38038F6L-XXXWG Datasheet
1Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38038F6L-XXXWG

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com