Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W26NM50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # W26NM50
Description  N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W26NM50 Datasheet(HTML) 2 Page - STMicroelectronics

  W26NM50 Datasheet HTML 1Page - STMicroelectronics W26NM50 Datasheet HTML 2Page - STMicroelectronics W26NM50 Datasheet HTML 3Page - STMicroelectronics W26NM50 Datasheet HTML 4Page - STMicroelectronics W26NM50 Datasheet HTML 5Page - STMicroelectronics W26NM50 Datasheet HTML 6Page - STMicroelectronics W26NM50 Datasheet HTML 7Page - STMicroelectronics W26NM50 Datasheet HTML 8Page - STMicroelectronics W26NM50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STW26NM50
2/9
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤26A, di/dt ≤200A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
Table 4: Thermal Data
Table 5: Avalanche Characteristics
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: Gate-Source Zener Diode
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
30
A
ID
Drain Current (continuous) at TC = 100°C
18.9
A
IDM ( )
Drain Current (pulsed)
120
A
PTOT
Total Dissipation at TC = 25°C
313
W
Derating Factor
2.5
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=1.5K
Ω)
6000
V
dv/dt (1)
Peak Diode Recovery voltage slope
15
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
Rthj-case
Thermal Resistance Junction-case Max
0.4
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
13
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
740
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igss=± 1mA (Open Drain)
30
V


Similar Part No. - W26NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
W26NM60 STMICROELECTRONICS-W26NM60 Datasheet
233Kb / 9P
   N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
More results

Similar Description - W26NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
   N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
STW20NK70Z STMICROELECTRONICS-STW20NK70Z Datasheet
129Kb / 6P
   N-CHANNEL 700V - 0.25W - 20A TO-247 Zener-Protected SuperMESH TM Power MOSFET
STSJ3NM50 STMICROELECTRONICS-STSJ3NM50 Datasheet
220Kb / 8P
   N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
   N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?줡ower MOSFET
logo
Unisonic Technologies
26N50 UTC-26N50 Datasheet
187Kb / 6P
   26A, 500V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
   N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh?줡ower MOSFET
STY60NM50 STMICROELECTRONICS-STY60NM50 Datasheet
263Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 70A ISOTOP Zener-Protected MDmesh?줡ower MOSFET
STP20NK50Z STMICROELECTRONICS-STP20NK50Z Datasheet
133Kb / 7P
   N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
   N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com