Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W26NM50 Datasheet(PDF) 4 Page - STMicroelectronics

Part # W26NM50
Description  N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W26NM50 Datasheet(HTML) 4 Page - STMicroelectronics

  W26NM50 Datasheet HTML 1Page - STMicroelectronics W26NM50 Datasheet HTML 2Page - STMicroelectronics W26NM50 Datasheet HTML 3Page - STMicroelectronics W26NM50 Datasheet HTML 4Page - STMicroelectronics W26NM50 Datasheet HTML 5Page - STMicroelectronics W26NM50 Datasheet HTML 6Page - STMicroelectronics W26NM50 Datasheet HTML 7Page - STMicroelectronics W26NM50 Datasheet HTML 8Page - STMicroelectronics W26NM50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STW26NM50
4/9
Figure 3: Safe Operating Area
Figure 4: Output Characteristics
Figure 5: Transconductance
Figure 6: Thermal Impedance
Figure 7: Transfer Characteristics
Figure 8: Static Drain-source On Resistance


Similar Part No. - W26NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
W26NM60 STMICROELECTRONICS-W26NM60 Datasheet
233Kb / 9P
   N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
More results

Similar Description - W26NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW26NM60 STMICROELECTRONICS-STW26NM60 Datasheet
233Kb / 9P
   N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET
STW20NK70Z STMICROELECTRONICS-STW20NK70Z Datasheet
129Kb / 6P
   N-CHANNEL 700V - 0.25W - 20A TO-247 Zener-Protected SuperMESH TM Power MOSFET
STSJ3NM50 STMICROELECTRONICS-STSJ3NM50 Datasheet
220Kb / 8P
   N-CHANNEL 500V - 2.5ohm - 3A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
   N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh?줡ower MOSFET
logo
Unisonic Technologies
26N50 UTC-26N50 Datasheet
187Kb / 6P
   26A, 500V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STW47NM50 STMICROELECTRONICS-STW47NM50 Datasheet
117Kb / 6P
   N-CHANNEL 500V - 0.065ohm - 45A TO-247 MDmesh?줡ower MOSFET
STY60NM50 STMICROELECTRONICS-STY60NM50 Datasheet
263Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
STE70NM50 STMICROELECTRONICS-STE70NM50 Datasheet
288Kb / 8P
   N-CHANNEL 500V - 0.045ohm - 70A ISOTOP Zener-Protected MDmesh?줡ower MOSFET
STP20NK50Z STMICROELECTRONICS-STP20NK50Z Datasheet
133Kb / 7P
   N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW45NM50 STMICROELECTRONICS-STW45NM50 Datasheet
244Kb / 9P
   N-CHANNEL 550V Tjmax - 0.08ohm - 45A TO-247 MDmesh TM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com