Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH16245ADLRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVTH16245ADLRG4
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVTH16245ADLRG4 Datasheet(HTML) 2 Page - Texas Instruments

  74LVTH16245ADLRG4 Datasheet HTML 1Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 2Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 3Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 4Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 5Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 6Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 7Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 8Page - Texas Instruments 74LVTH16245ADLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
abc
SN54LVTH16245A
,, SN74LVTH16245A
3.3-V ABT 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS143R – MAY 1992 – REVISED NOVEMBER 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
SN74LVTH16245AGRDR
Reel of 1000
LL245A
FBGA – ZRD (Pb-free)
SN74LVTH16245AZRDR
74LVTH16245ADL
Tube of 25
74LVTH16245ADLG4
SSOP – DL
LVTH16245A
74LVTH16245ADLR
Reel of 1000
74LVTH16245ADLRG4
–40
°C to 85°C
SN74LVTH16245ADGGR
TSSOP – DGG
Reel of 2000
74LVTH16245ADGGRE4
LVTH16245A
74LVTH16245ADGGRG4
SN74LVTH16245ADGVR
TVSOP – DGV
Reel of 2000
LL245A
74LVTH16245ADGVRE4
VFBGA – GQL
SN74LVTH16245AGQLR
Reel of 1000
LL245A
VFBGA – ZQL (Pb-free)
74LVTH16245AZQLR
–55
°C to 125°C
CFP – WD
Tube
SNJ54LVTH16245AWD
SNJ54LVTH16245AWD
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1DIR
NC
NC
NC
NC
1OE
B
1B2
1B1
GND
GND
1A1
1A2
C
1B4
1B3
VCC
VCC
1A3
1A4
D
1B6
1B5
GND
GND
1A5
1A6
E
1B8
1B7
1A7
1A8
F
2B1
2B2
2A2
2A1
G
2B3
2B4
GND
GND
2A4
2A3
H
2B5
2B6
VCC
VCC
2A6
2A5
J
2B7
2B8
GND
GND
2A8
2A7
K
2DIR
NC
NC
NC
NC
2OE
abc
abc
(1)
NC – No internal connection
2
Submit Documentation Feedback


Similar Part No. - 74LVTH16245ADLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH16245ADLRG4 TI-74LVTH16245ADLRG4 Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADLRG4 TI-74LVTH16245ADLRG4 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADLRG4 TI-74LVTH16245ADLRG4 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16245ADLRG4 TI1-74LVTH16245ADLRG4 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH16245ADLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com