Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417145 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD6417145
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144 Series
Download  930 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417145 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD6417145 Datasheet HTML 2Page - Renesas Technology Corp HD6417145 Datasheet HTML 3Page - Renesas Technology Corp HD6417145 Datasheet HTML 4Page - Renesas Technology Corp HD6417145 Datasheet HTML 5Page - Renesas Technology Corp HD6417145 Datasheet HTML 6Page - Renesas Technology Corp HD6417145 Datasheet HTML 7Page - Renesas Technology Corp HD6417145 Datasheet HTML 8Page - Renesas Technology Corp HD6417145 Datasheet HTML 9Page - Renesas Technology Corp HD6417145 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 930 page
background image
Rev.4.00 Mar. 27, 2008 Page vi of xliv
REJ09B0108-0400
In this manual, the product abbreviations are used to distinguish products. For example, 112-
pin products are collectively referred to as the SH7144, an abbreviation of the basic type's
classification code, while 144-pin products are collectively referred to as the SH7145. There
are three versions of each: a flash memory version, masked ROM version, and ROM less
version. When a description is limited to the flash memory version alone, the character F is
added at the end of the abbreviation, such as SH7144F. When a description is limited to the
masked ROM version or ROM less version, the character M is added at the end of the
abbreviation, such as SH7144M.
• The typical product
The HD64F7144 is taken as the typical product for the descriptions in this manual.
Accordingly, when using an HD6437144, HD6417144, HD64F7145, HD6437145, or
HD6417145 simply replace the HD64F7144 in those references where no differences between
products are pointed out with HD6437144, HD6417144, HD64F7145, HD6437145, or
HD6417145. Where differences are indicated, be aware that each specification applies to the
products as indicated.
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions, and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the SH-1/SH-2/SH-DSP Software Manual.
• In order to understand the details of a register when the user knows its name
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bit names, and initial values of the registers are summarized in section
25, List of Registers.
Rules:
Register name:
The following notation is used for cases when the same or a
similar function, e.g. serial communication, is implemented
on more than one channel:
XXX_N (XXX is the register name and N is the channel
number)
Bit order:
The MSB is on the left and the LSB is on the right.
Numerical expression: Binary is B
′xxxx, hexadecimal is H′xxxx, and decimal is
xxxx.
Signal expression:
Low active signals are expressed as
xxxx.
Related Manuals:
The latest versions of all related manuals are available from our web site.
Please ensure you have the latest versions of all documents you require.
http://www.renesas.com/


Similar Part No. - HD6417145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6417145 RENESAS-HD6417145 Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
More results

Similar Description - HD6417145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7211 RENESAS-SH7211 Datasheet
6Mb / 1228P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7206 RENESAS-SH7206 Datasheet
7Mb / 1188P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7619 RENESAS-SH7619 Datasheet
4Mb / 836P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7670 RENESAS-SH7670 Datasheet
6Mb / 1292P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
SH7261 RENESAS-SH7261 Datasheet
7Mb / 1348P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7618 RENESAS-SH7618 Datasheet
3Mb / 646P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
SH7201 RENESAS-SH7201 Datasheet
7Mb / 1196P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com