Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H836064 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H836064
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
Download  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H836064 Datasheet(HTML) 4 Page - Renesas Technology Corp

  H836064 Datasheet HTML 1Page - Renesas Technology Corp H836064 Datasheet HTML 2Page - Renesas Technology Corp H836064 Datasheet HTML 3Page - Renesas Technology Corp H836064 Datasheet HTML 4Page - Renesas Technology Corp H836064 Datasheet HTML 5Page - Renesas Technology Corp H836064 Datasheet HTML 6Page - Renesas Technology Corp H836064 Datasheet HTML 7Page - Renesas Technology Corp H836064 Datasheet HTML 8Page - Renesas Technology Corp H836064 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 478 page
background image
Rev. 2.00 Sep. 23, 2005 Page iv of xxx
General Precautions on Handling of Product
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry or are
used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product's state is undefined.
The states of internal circuits are undefined until full power is supplied throughout the
chip and a low level is input on the reset pin. During the period where the states are
undefined, the register settings and the output state of each pin are also undefined. Design
your system so that it does not malfunction because of processing while it is in this
undefined state. For those products which have a reset function, reset the LSI immediately
after the power supply has been turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these addresses. Do not access these registers; the system's
operation is not guaranteed if they are accessed.


Similar Part No. - H836064

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836010 RENESAS-H836010 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836011 RENESAS-H836011 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836012 RENESAS-H836012 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836012F RENESAS-H836012F Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836013 RENESAS-H836013 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
More results

Similar Description - H836064

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836057 RENESAS-H836057 Datasheet
3Mb / 592P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H83687 RENESAS-H83687 Datasheet
3Mb / 536P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
HD64F3687HV RENESAS-HD64F3687HV Datasheet
2Mb / 538P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H83687H RENESAS-H83687H Datasheet
2Mb / 504P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836109 RENESAS-H836109 Datasheet
4Mb / 622P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H838099 RENESAS-H838099 Datasheet
4Mb / 736P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H83672 RENESAS-H83672 Datasheet
2Mb / 332P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836024 RENESAS-H836024 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com