Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6412332 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD6412332
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6412332 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD6412332 Datasheet HTML 5Page - Renesas Technology Corp HD6412332 Datasheet HTML 6Page - Renesas Technology Corp HD6412332 Datasheet HTML 7Page - Renesas Technology Corp HD6412332 Datasheet HTML 8Page - Renesas Technology Corp HD6412332 Datasheet HTML 9Page - Renesas Technology Corp HD6412332 Datasheet HTML 10Page - Renesas Technology Corp HD6412332 Datasheet HTML 11Page - Renesas Technology Corp HD6412332 Datasheet HTML 12Page - Renesas Technology Corp HD6412332 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1244 page
background image
Rev.4.00 Sep. 07, 2007 Page ix of xxx
Item
Page
Revision (See Manual for Details)
19.13.1 Features
789
Description amended
• Reprogramming capability
The flash memory can be reprogrammed min. 100 times.
910
Table 22.21 amended
Item
Symbol
Min
Typ
Max
Unit
Erase time*
1
*3*6
tE
50
1000
ms/block
Reprogramming
count
NWEC
100*
7
10000*
8
Times
22.2.6 Flash Memory
Characteristics
Table 22.21 Flash
Memory
Characteristics
Data retention time*
9
tDRP
10
Years
Programming
Wait time after SWE bit
setting*
1
x
1
μs
911
Notes 7 to 9 added
Notes: 7. Minimum number of times for which all
characteristics are guaranteed after rewriting
(Guarantee range is 1 to minimum value).
8. Reference value for 25°C (as a guideline, rewriting
should normally function up to this value).
9. Data retention characteristic when rewriting is
performed within the specification range, including
the minimum value.
1207
Note *1 deleted
(Before)
WDTOVF*1 → (After) WDTOVF
D.1 Port States in
Each Mode
Table D.1 I/O Port
States in Each
Processing State
1208
Note 1 shown below deleted
Note: 1. The
WDTOVF pin function cannot be used in the F-
ZTAT version.


Similar Part No. - HD6412332

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6412320 RENESAS-HD6412320 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
HD6412320 RENESAS-HD6412320 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD6412320 RENESAS-HD6412320 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
HD6412320 RENESAS-HD6412320 Datasheet
7Mb / 1304P
   Old Company Name in Catalogs and Other Documents
HD6412320 RENESAS-HD6412320 Datasheet
7Mb / 1304P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - HD6412332

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2378 RENESAS-H8S2378 Datasheet
7Mb / 1203P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2368 RENESAS-H8S2368 Datasheet
6Mb / 1037P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com