Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432365 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD6432365
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1037 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432365 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD6432365 Datasheet HTML 1Page - Renesas Technology Corp HD6432365 Datasheet HTML 2Page - Renesas Technology Corp HD6432365 Datasheet HTML 3Page - Renesas Technology Corp HD6432365 Datasheet HTML 4Page - Renesas Technology Corp HD6432365 Datasheet HTML 5Page - Renesas Technology Corp HD6432365 Datasheet HTML 6Page - Renesas Technology Corp HD6432365 Datasheet HTML 7Page - Renesas Technology Corp HD6432365 Datasheet HTML 8Page - Renesas Technology Corp HD6432365 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1037 page
background image
Rev. 5.00 Aug 02, 2006 page v of liv
Preface
The H8S/2368 Group are microcomputers (MCU) made up of the H8S/2600 CPU employing
Renesas Technology’s original architecture as their cores, and the peripheral functions required to
configure a system.
The H8S/2600 CPU has an internal 32-bit configuration, sixteen 16-bit general registers, and a
simple and optimized instruction set for high-speed operation. The H8S/2600 CPU can handle a
16-Mbyte linear address space.
This LSI is equipped with direct memory access controller (DMAC) and data transfer controller
(DTC) bus masters, ROM and RAM, a 16-bit timer pulse unit (TPU), a programmable pulse
generator (PPG), 8-bit timers (TMR), a watchdog timer (WDT), serial communication interfaces
(SCI and IrDA), a 10-bit A/D converter, an 8-bit D/A converter, and I/O ports as on-chip
peripheral modules required for system configuration. I2C bus interface 2 (IIC2) can also be
included as an optional interface.
A high-functionality bus controller is also provided, enabling fast and easy connection of DRAM
and other kinds of memory.
A single-power flash memory (F-ZTAT
) version is available for this LSI's ROM. This provides
flexibility as it can be reprogrammed in no time to cope with all situations from the early stages of
mass production to full-scale mass production. This is particularly applicable to application
devices with specifications that will most probably change.
Note: F-ZTAT is a trademark of Renesas Technology Corp.
Target Users: This manual was written for users who will be using the H8S/2368 Group in the
design of application systems. Target users are expected to understand the
fundamentals of electrical circuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8S/2368 Group to the target users.
Refer to the H8S/2600 Series, H8S/2000 Series Software Manual for a detailed
description of the instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.


Similar Part No. - HD6432365

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432365 RENESAS-HD6432365 Datasheet
6Mb / 1044P
   Renesas 16-Bit Single-Chip MicrocomputerH8S Family/H8S/2300 Series
More results

Similar Description - HD6432365

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2378 RENESAS-H8S2378 Datasheet
7Mb / 1203P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com