Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6412363 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD6412363
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1037 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6412363 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD6412363 Datasheet HTML 3Page - Renesas Technology Corp HD6412363 Datasheet HTML 4Page - Renesas Technology Corp HD6412363 Datasheet HTML 5Page - Renesas Technology Corp HD6412363 Datasheet HTML 6Page - Renesas Technology Corp HD6412363 Datasheet HTML 7Page - Renesas Technology Corp HD6412363 Datasheet HTML 8Page - Renesas Technology Corp HD6412363 Datasheet HTML 9Page - Renesas Technology Corp HD6412363 Datasheet HTML 10Page - Renesas Technology Corp HD6412363 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1037 page
background image
Rev. 5.00 Aug 02, 2006 page vii of liv
Main Revisions in This Edition
Item
Page Revision (See Manual for Details)
All
HD64F2364, HD64F2361, and HD64F2360 added
HD64F2366 (H8S/2366F) deleted
2
Table amended
ROM Type
Model
ROM
RAM
Remarks
Flash memory version HD64F2368F
512 kbytes
32 kbytes
H8S/2368
0.18
µm F-ZTAT Grou
HD64F2367F
384 kbytes
24 kbytes
HD64F2364
384 kbytes
32 kbytes
H8S/2368
0.18
µm F-ZTAT Grou
HD64F2362F
256 kbytes
32 kbytes
H8S/2368
0.18
µm F-ZTAT Grou
HD64F2361
256 kbytes
24 kbytes
H8S/2368
0.18
µm F-ZTAT Grou
HD64F2360
256 kbytes
16 kbytes
H8S/2368
0.18
µm F-ZTAT Grou
Masked ROM version HD6432365
256 kbytes
16 kbytes
ROMless version
HD6412363
16 kbytes
1.1 Features
2
• Compact package
Note 2 amended
Note: 2. Not supported by the H8S/2368 0.18
µm F-ZTAT
Group.
1.2 Block Diagram
Figure 1.2 Internal Block
Diagram of H8S/2368 0.18
µm F-ZTAT Group
4
Figure title amended
1.3.1 Pin Arrangement
Figure 1.4 Pin
Arrangement of H8S/2368
0.18
µm F-ZTAT Group
6
Figure title amended
Figure 1.5 Pin
Arrangement of H8S/2367,
H8S/2365, and H8S/2363
7
Note amended
Note: FP-128B is not supported by the H8S/2368 0.18
µm F-
ZTAT Group.
1.3.2 Pin Arrangement
in Each Operating Mode
Table 1.1 Pin
Arrangement in Each
Operating Mode
13
Notes 1 and 2 amended
Notes: 1. Not supported by the H8S/2368 0.18
µm F-ZTAT
Group.
2. Used as the VCL pin in the H8S/2368 0.18
µm F-ZTAT
Group.


Similar Part No. - HD6412363

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6412363 RENESAS-HD6412363 Datasheet
6Mb / 1044P
   Renesas 16-Bit Single-Chip MicrocomputerH8S Family/H8S/2300 Series
More results

Similar Description - HD6412363

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2378 RENESAS-H8S2378 Datasheet
7Mb / 1203P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com