Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61-0644-088 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IC61-0644-088
Description  64-pin LCC Socket
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IC61-0644-088 Datasheet(HTML) 3 Page - Renesas Technology Corp

  IC61-0644-088 Datasheet HTML 1Page - Renesas Technology Corp IC61-0644-088 Datasheet HTML 2Page - Renesas Technology Corp IC61-0644-088 Datasheet HTML 3Page - Renesas Technology Corp IC61-0644-088 Datasheet HTML 4Page - Renesas Technology Corp IC61-0644-088 Datasheet HTML 5Page - Renesas Technology Corp IC61-0644-088 Datasheet HTML 6Page - Renesas Technology Corp IC61-0644-088 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
The IC61-0644-088 is an IC socket that can be soldered to a foot
pattern for an 64-pin 0.8mm-pitch QFP (64P6N-A) package
MCU (manually soldering type).
Application
Using this IC socket, developers can connect a 64-pin 0.8
mm-pitch LCC (64D0) package MCU or an emulator probe to the
foot pattern on a target that is prepared for an 64P6N-A package
MCU. The foot pattern's land length needed to fit the IC socket is
equal to that of the 64P6N-A.
Dimensions
20.8(D)×20.0(W)×8.3(H)mm
Foot Pattern Reference Dimensions
See Appendix A "Reference Dimensional Drawing for Common
64-pin 0.8mm-pitch QFP Foot Pattern".
IC61-0644-088
64-pin LCC Socket (Manually Soldering Type) Made by Yamaichi Electronics Co., Ltd.
*To purchase the IC61-TOOL-4 pull-out tool which detaches an MCU on
IC61 Series, please contact Yamaichi Elect Co., LTD.
[Ordering Information] See Appendix H "Ordering Information".


Similar Part No. - IC61-0644-088

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10J ICSI-IC61C256AH-10J Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10N ICSI-IC61C256AH-10N Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10T ICSI-IC61C256AH-10T Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10U ICSI-IC61C256AH-10U Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IC61-0644-088

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-64LCC-QSD RENESAS-M3T-64LCC-QSD Datasheet
119Kb / 1P
   Converter for Connecting 64-pin 0.8mm-pitch LCC to 64-pin 0.5mm-pitch LQFP
M3T-64LCC-DMS RENESAS-M3T-64LCC-DMS Datasheet
185Kb / 1P
   Converter for Connecting 64-pin 0.8mm-pitch LCC to M3T-DUMMY64
PCA4687B RENESAS-PCA4687B Datasheet
152Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.65mm-pitch LCC (for Height Adjustment)
PCA4688B RENESAS-PCA4688B Datasheet
104Kb / 1P
   Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.8mm-pitch LCC (for Height Adjustment)
logo
Cypress Semiconductor
CY2XF32FLXCT CYPRESS-CY2XF32FLXCT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXCT CYPRESS-CY2XF33FLXCT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X014FLXCT CYPRESS-CY2X014FLXCT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
300Kb / 11P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X013FLXCT CYPRESS-CY2X013FLXCT Datasheet
260Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF24FLXCT CYPRESS-CY2XF24FLXCT Datasheet
308Kb / 12P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com