Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8517IDWR Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8517IDWR
Description  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8517IDWR Datasheet(HTML) 4 Page - Texas Instruments

  ADS8517IDWR Datasheet HTML 1Page - Texas Instruments ADS8517IDWR Datasheet HTML 2Page - Texas Instruments ADS8517IDWR Datasheet HTML 3Page - Texas Instruments ADS8517IDWR Datasheet HTML 4Page - Texas Instruments ADS8517IDWR Datasheet HTML 5Page - Texas Instruments ADS8517IDWR Datasheet HTML 6Page - Texas Instruments ADS8517IDWR Datasheet HTML 7Page - Texas Instruments ADS8517IDWR Datasheet HTML 8Page - Texas Instruments ADS8517IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ADS8517
SLAS527 – SEPTEMBER 2008.......................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = -40°C to +85°C, fS = 200 kHz, VDIG = VANA = 5 V, using internal reference (see Figure 39), unless otherwise noted.
ADS8517I
ADS8517IB(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
REFERENCE
Internal reference voltage
No load
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal reference source current
1
1
µA
(must use external buffer)
Internal reference drift
8
8
ppm/°C
External reference voltage range
2.3
2.5
2.7
2.3
2.5
2.7
V
for specified linearity
External reference current drain
External 2.5-V reference
100
100
µA
DIGITAL INPUTS
VIL
Low-level input voltage(9)
VDIG = 1.65 V to 5.5 V
–0.3
0.6
–0.3
0.6
V
VIH
High-level input voltage(9)
VDIG = 1.65 V to 5.5 V
0.5 x VDIG
VDIG + 0.3
0.5 x VDIG
VDIG + 0.3
V
IIL
Low-level input current
VIL = 0 V
±10
±10
µA
IIH
High-level input current
VIH = 5 V
±10
±10
µA
DIGITAL OUTPUTS
Data format - Parallel 16-bits in 2-bytes, Serial
Data coding - Binary twos complement or straight binary
ISINK = 1.6mA,
VOL
Low-level output voltage
0.45
0.45
V
VDIG = 1.65V to 5.5V
ISOURCE = 500µA,
VOH
High-level output voltage
VDIG – 0.45
VDIG – 0.45
V
VDIG = 1.65V to 5.5V
High-Z state,
Leakage current
±5
±5
µA
VOUT = 0 V to VDIG
Output capacitance
High-Z state
15
15
pF
DIGITAL TIMING
Bus access time
RL = 3.3 kΩ, CL = 50 pF
83
83
ns
Bus relinquish time
RL = 3.3 kΩ, CL = 10 pF
83
83
ns
POWER SUPPLIES
VDIG
Interface voltage
1.65
1.8
5.5
1.65
1.8
5.5
V
VANA
ADC core voltage
4.5
5
5.5
4.5
5
5.5
V
IDIG
Interface current
VDIG = 5 V
0.3
0.3
mA
IANA
ADC core current
VANA = 5 V
9
9
mA
VANA = VDIG = 5 V,
47
60
47
60
mW
fS = 200 kHz
Power dissipation
REFD high with BUF on
42
42
mW
PWRD and REFD high
50
50
µW
TEMPERATURE RANGE
Specified performance
–40
+85
–40
+85
°C
Derated performance
–55
+125
–55
+125
°C
Storage temperature
–65
+150
–65
+150
°C
TSSOP
62
62
θ
JA
Thermal impedance
°C/W
SO
46
46
(9)
TTL-compatible at 5V supply.
Table 1. Analog Input Range Connections (see Figure 38 and Figure 39)
ANALOG INPUT
RANGE
CONNECT R1IN VIA 200 Ω TO
CONNECT R2IN VIA 100 Ω TO
IMPEDANCE
±10 V
VIN
CAP
45.7 k
0 V to 5 V
AGND
VIN
20.0 k
0 V to 4 V
VIN
VIN
21.4 k
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS8517


Similar Part No. - ADS8517IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8517IDWR TI1-ADS8517IDWR Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517IDWRG4 TI1-ADS8517IDWRG4 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Similar Description - ADS8517IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com