Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77PL900DL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ77PL900DL
Description  Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ77PL900DL Datasheet(HTML) 1 Page - Texas Instruments

  BQ77PL900DL Datasheet HTML 1Page - Texas Instruments BQ77PL900DL Datasheet HTML 2Page - Texas Instruments BQ77PL900DL Datasheet HTML 3Page - Texas Instruments BQ77PL900DL Datasheet HTML 4Page - Texas Instruments BQ77PL900DL Datasheet HTML 5Page - Texas Instruments BQ77PL900DL Datasheet HTML 6Page - Texas Instruments BQ77PL900DL Datasheet HTML 7Page - Texas Instruments BQ77PL900DL Datasheet HTML 8Page - Texas Instruments BQ77PL900DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
bq77PL900
www.ti.com ........................................................................................................................................................ SLUS844A – JUNE 2008 – REVISED AUGUST 2008
Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector
and Analog Front End
• 5, 6, 7, 8, 9, or 10 Series-Cell Primary
Protection
The bq77PL900 is a five to ten series cell lithium-ion
battery
pack
protector.
The
integrated
I2C
• PMOS FET Drive for Charge and Discharge
communications interface allows the bq77PL900 also
FETs
to be as an analog front end (AFE) for a Host
• Capable of Operation with 1-mΩ Sense
controller. Two LDOs, one 5 V/25 mA and one 3.3
Resistor
V/25 mA, are also included and may be used to
• Supply Voltage Range from 7 V to 50 V
power a host controller or support circuitry.
• Low Supply Current of 450 µA Typical
The bq77PL900 integrates a voltage translation
• Integrated 5 V 25-mA LDO
system
to
extract
battery
parameters
such
as
individual cell voltages and charge/discharge current.
• Integrated 3.3 V 25-mA LDO
Variables such as voltage protection thresholds and
• Stand-Alone Mode
detection delay times can be programmed by using
Pack Protection Control and Recovery
the internal EEPROM.
Individual Cell Monitoring
The
bq77PL900
can
act
as
a
stand-alone
Integrated Cell Balancing
self-contained battery protection system (stand-alone
mode). It can alternatively be combined with a host
Programmable Threshold and Delay Time
microcontroller to offer fuel gauge or other battery
for
management
capabilities
to
the
host
system
Overvoltage
(host-control mode).
Undervoltage
The bq77PL900 provides full safety protection for
Overcurrent in Discharge
overvoltage, undervoltage, overcurrent in discharge,
and short circuit in discharge conditions. When the
Short Circuit in Discharge
EEPROM
programmable
safety
thresholds
are
Fixed Overtemperature Protection
reached, the bq77PL900 turns off the FET drive
• Host Control Mode
autonomously. No external components are needed
I2C Interface to Host Controller
to configure the protection features.
Analog Interface for Host Cell Measurement
The analog front end (AFE) outputs allow a host
and System Charge/Discharge Current
controller to observe individual cell voltages and
charge/discharge
currents.
The
host
controller’s
Host-Controlled Protection Recovery
analog-to-digital
converter
connects
to
the
Host-Controlled Cell Balancing
bq77PL900 to acquire these values.
Cell balancing can be performed autonomously, or
the host controller can activate it individually via a cell
• Cordless Power Tools
bypass path integrated into the bq77PL900. Internal
• Power Assisted Bicycle/Scooter
control registers accessible via the I2C interface
• Uninterruptible Power Supply (UPS) Systems
configure this operation. The maximum balancing
• Medical Equipment
bypass current is set via an external series resistor
and the internal FET-on resistance (typically 400
Ω).
• Portable Test Equipment
Optionally, external bypass cell balance FETs can be
used for increased current capability.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ77PL900DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900DL TI-BQ77PL900DL Datasheet
746Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
bq77PL900DL TI-bq77PL900DL Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DLG4 TI-BQ77PL900DLG4 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DLR TI-BQ77PL900DLR Datasheet
746Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900DLR TI-BQ77PL900DLR Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
More results

Similar Description - BQ77PL900DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900 TI-BQ77PL900 Datasheet
746Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900 TI-BQ77PL900_2 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ76925 TI1-BQ76925 Datasheet
743Kb / 29P
[Old version datasheet]   Host Controlled Analog Front End for 3 to 6 Series Cell Lithium-Ion/ Polymer Battery
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com