Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27500 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500
Description  System-Side Impedance TracTM Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ27500 Datasheet HTML 7Page - Texas Instruments BQ27500 Datasheet HTML 8Page - Texas Instruments BQ27500 Datasheet HTML 9Page - Texas Instruments BQ27500 Datasheet HTML 10Page - Texas Instruments BQ27500 Datasheet HTML 11Page - Texas Instruments BQ27500 Datasheet HTML 12Page - Texas Instruments BQ27500 Datasheet HTML 13Page - Texas Instruments BQ27500 Datasheet HTML 14Page - Texas Instruments BQ27500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
www.ti.com
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
4.1.1.1.2 DEVICE_TYPE: 0x0001
Instructs the fuel gauge to return the device type to addresses 0x00/0x01.
4.1.1.1.3 FW_VERSION: 0x0002
Instructs the fuel gauge to return the firmware version to addresses 0x00/0x01.
4.1.1.1.4 HW_VERSION: 0x0003
Instructs the fuel gauge to return the hardware version to addresses 0x00/0x01.
4.1.1.1.5
DF_CHECKSUM: 0x0004
Instructs the fuel gauge to compute the checksum of the data flash memory. Once the checksum has
been calculated and stored, CONTROL_STATUS [CVS] is set. The checksum value is written and
returned to addresses 0x00/0x01 (UNSEALED mode only). The checksum is not calculated in SEALED
mode; however, the checksum value can still be read.
4.1.1.1.6 RESET_DATA: 0x0005
Instructs the fuel gauge to return the reset data to addresses 0x00/0x01, with the low byte (0x00) being
the number of full resets and the high byte (0x01) the number of partial resets.
4.1.1.1.7 PREV_MACWRITE: 0x0007
Instructs the fuel gauge to return the previous command written to addresses 0x00/0x01.
4.1.1.1.8 CHEM_ID: 0x0008
Instructs the fuel gauge to return the chemical identifier for the Impedance Track™ configuration to
addresses 0x00/0x01.
4.1.1.1.9 BOARD_OFFSET: 0x0009
Instructs the fuel gauge to compute the coulomb counter offset with internal short and then without internal
short applied across the SR inputs. The difference between the two measurements is the board offset.
After a delay of approximately 32 seconds, this offset value is returned to addresses 0x00/0x01 and
written to data flash. The coulomb counter offset is also written to data flash. The CONROL STATUS
[BCA] is also set. The user must prevent any charge or discharge current from flowing during the process.
This function is only available when the fuel gauge is UNSEALED. When SEALED, this command only
reads back the board-offset value stored in data flash.
4.1.1.1.10 CC_INT_OFFSET: 0x000A
Instructs the fuel gauge to compute the coulomb counter offset with internal short applied across the SR
inputs. The offset value is returned to addresses 0x00/0x01 after a delay of approximately 16 seconds.
This function is only available when the fuel gauge is UNSEALED. When SEALED, this command only
reads back the CC_INT_OFFSET value stored in data flash.
4.1.1.1.11 WRITE_OFFSET: 0x000B
Control data of 0x000b causes the fuel gauge to write the coulomb counter offset to data flash.
4.1.1.1.12 SET_HIBERNATE: 0x0011
Instructs the fuel gauge to force the CONTROL_STATUS [HIBERNATE] bit to 1. This allows the gauge to
enter the HIBERNATE power mode after the transition to SLEEP power state is detected. The
[HIBERNATE] bit is automatically cleared upon exiting from HIBERNATE mode.
4.1.1.1.13 CLEAR_HIBERNATE: 0x0012
Instructs the fuel gauge to force the CONTROL_STATUS [HIBERNATE] bit to 0. This prevents the gauge
from entering the HIBERNATE power mode after the transition to the SLEEP power state is detected. It
can also be used to force the gauge out of HIBERNATE mode.
Submit Documentation Feedback
GENERAL DESCRIPTION
11


Similar Part No. - BQ27500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500DRZR TI-BQ27500DRZR Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com