Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27510 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27510
Description  System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27510 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ27510 Datasheet HTML 7Page - Texas Instruments BQ27510 Datasheet HTML 8Page - Texas Instruments BQ27510 Datasheet HTML 9Page - Texas Instruments BQ27510 Datasheet HTML 10Page - Texas Instruments BQ27510 Datasheet HTML 11Page - Texas Instruments BQ27510 Datasheet HTML 12Page - Texas Instruments BQ27510 Datasheet HTML 13Page - Texas Instruments BQ27510 Datasheet HTML 14Page - Texas Instruments BQ27510 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
bq27510
www.ti.com.......................................................................................................................................................... SLUS816A – MARCH 2008 – REVISED JUNE 2008
IF_CHECKSUM: 0x0022
This command instructs the fuel gauge to compute the instruction flash checksum. When the checksum has
been calculated and stored, then CONTROL_STATUS [CVS] is set. In UNSEALED mode, the checksum value is
returned to addresses 0x00/0x01. The checksum will not be calculated in SEALED mode; however, the
checksum value can still be read.
CAL_MODE: 0x0040
This command instructs the fuel gauge to enter calibration mode. This command is only available when the fuel
gauge is UNSEALED.
RESET : 0x0041
This command instructs the fuel gauge to perform a full reset. This command is only available when the fuel
gauge is UNSEALED.
AtRate( ): 0x02/0x03
The AtRate( ) read-/write-word function is the first half of a two-function command set used to set the AtRate
value used in calculations made by the AtRateTimeToEmpty( ) function. The AtRate( ) units are in mA.
The AtRate( ) value is a signed integer, with negative values interpreted as a discharge current value. The
AtRateTimeToEmpty( ) function returns the predicted operating time at the AtRate value of discharge. The
default value for AtRate( ) is zero and will force AtRate( ) to return 65,535. Both the AtRate( ) and
AtRateTimeToEmpty( ) commands should only be used in NORMAL mode.
AtRateTimeToEmpty( ): 0x04/0x05
This read-word function returns an unsigned integer value of the predicted remaining operating time if the battery
is discharged at the AtRate( ) value in minutes with a range of 0 to 65,534. A value of 65,535 indicates AtRate( )
= 0. The fuel gauge updates AtRateTimeToEmpty( ) within 1 s after the system sets the AtRate( ) value. The fuel
gauge automatically updates AtRateTimeToEmpty( ) based on the AtRate( ) value every 1s. Both the AtRate( )
and AtRateTimeToEmpty( ) commands should only be used in NORMAL mode.
Temperature( ): 0x06/0x07
This read-word function returns an unsigned integer value of the battery temperature in units of 0.1K measured
by the fuel gauge.
Voltage( ): 0x08/0x09
This read-word function returns an unsigned integer value of the measured cell-pack voltage in mV with a range
of 0 to 6000 mV.
Flags( ): 0x0a/0x0b
This read-word function returns the contents of the gas-gauge status register, depicting the current operating
status.
Table 4. Flags Bit Definitions
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
High Byte
OTC
OTD
CHG_INH
XCHG
FC
CHG
Low Byte
OCV_GD
WAIT_ID
BAT_DET
SOC1
SOCF
DSG
OTC = Over-Temperature in charge condition is detected. True when set.
OTD = Over-Temperature in discharge condition is detected. True when set.
CHG_INH = Charge Inhibit: unable to begin charging (temp outside the range [Charge Inhibit Temp Low, Charge Inhibit Temp High]).
True when set.
Charge Suspend Alert (temp outside the range [Suspend Temperature Low, Suspend Temperature High]). True when
XCHG =
set.
FC = Full-charged condition reached. True when set.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq27510


Similar Part No. - BQ27510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI1-BQ27510 Datasheet
1Mb / 39P
[Old version datasheet]   Direct Battery Connection
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
More results

Similar Description - BQ27510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_08 Datasheet
738Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com