Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL114S10RGZR Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ78PL114S10RGZR
Description  PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114S10RGZR Datasheet(HTML) 3 Page - Texas Instruments

  BQ78PL114S10RGZR Datasheet HTML 1Page - Texas Instruments BQ78PL114S10RGZR Datasheet HTML 2Page - Texas Instruments BQ78PL114S10RGZR Datasheet HTML 3Page - Texas Instruments BQ78PL114S10RGZR Datasheet HTML 4Page - Texas Instruments BQ78PL114S10RGZR Datasheet HTML 5Page - Texas Instruments BQ78PL114S10RGZR Datasheet HTML 6Page - Texas Instruments BQ78PL114S10RGZR Datasheet HTML 7Page - Texas Instruments BQ78PL114S10RGZR Datasheet HTML 8Page - Texas Instruments BQ78PL114S10RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
bq76PL102
Cell
MonitorWith
PowerPump
Balancing
PowerLAN
MasterGateway
BatteryController
bq78PL114
Pack
Positive
Pack
Negative
Example8-cellconfigurationshown
+
B0332-01
bq76PL102
Cell
MonitorWith
PowerPump
Balancing
bq78PL114
www.ti.com .................................................................................................................................... SLUS850A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
Figure 2. Example PowerLAN Multicell System Implementation
ORDERING INFORMATION(1)
Quantity,
Package
Temperature
Product
Cell Configuration(2)
Package
Ordering Number
Transport
Designator
Range
Media
250, tape and
bq78PL114RGZT
reel
bq78PL114
3 to 8 series cells
2500, tape and
bq78PL114RGZR
reel
250, tape and
bq78PL114S10RGZT(3)
reel
bq78PL114
QFN-48, 7-mm
3 to 10 series cells
RGZ
–40°C to 85°C
(PREVIEW)
× 7-mm
2500, tape and
bq78PL114S10RGZR(3)
reel
250, tape and
bq78PL114S12RGZT(3)
reel
bq78PL114
3 to 12 series cells
(PREVIEW)
2500, tape and
bq78PL114S12RGZR(3)
reel
(1)
Authentication options are also available; contact TI for additional information.
(2)
For configurations consisting of more than four series cells, additional bq76PL102 parts must be used.
(3)
Some historical data storage limits exist for the S10 and S12 versions.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq78PL114


Similar Part No. - BQ78PL114S10RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114RGZR TI-BQ78PL114RGZR Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114RGZT TI-BQ78PL114RGZT Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
More results

Similar Description - BQ78PL114S10RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com