Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27500DRZR-V100G4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500DRZR-V100G4
Description  System-Side Impedance TracTM Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500DRZR-V100G4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ27500DRZR-V100G4 Datasheet HTML 5Page - Texas Instruments BQ27500DRZR-V100G4 Datasheet HTML 6Page - Texas Instruments BQ27500DRZR-V100G4 Datasheet HTML 7Page - Texas Instruments BQ27500DRZR-V100G4 Datasheet HTML 8Page - Texas Instruments BQ27500DRZR-V100G4 Datasheet HTML 9Page - Texas Instruments BQ27500DRZR-V100G4 Datasheet HTML 10Page - Texas Instruments BQ27500DRZR-V100G4 Datasheet HTML 11Page - Texas Instruments BQ27500DRZR-V100G4 Datasheet HTML 12Page - Texas Instruments BQ27500DRZR-V100G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
4.1 DATA COMMANDS
4.1.1
STANDARD DATA COMMANDS
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
www.ti.com
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
The bq27500/1 uses a series of 2-byte standard commands to enable system reading and writing of
battery information. Each standard command has an associated command-code pair, as indicated in
Table 4-1. Because each command consists of two bytes of data, two consecutive I2C transmissions must
be executed both to initiate the command function, and to read or write the corresponding two bytes of
data. Additional options for transferring data, such as spooling, are described in Section 7, I2C Interface.
Standard commands are accessible in NORMAL operation. Read/write permissions depend on the active
access mode, SEALED or UNSEALED (for details on the SEALED and UNSEALED states, see
Section 4.4, Access Modes).
Table 4-1. Standard Commands
NAME
COMMAND CODE
UNITS
SEALED ACCESS
UNSEALED ACCESS
Control( )
CNTL
0x00 / 0x01
N/A
R/W
R/W
AtRate( )
AR
0x02 / 0x03
mA
R/W
R/W
AtRateTimeToEmpty( )
ARTTE
0x04 / 0x05
Minutes
R
R/W
Temperature( )
TEMP
0x06 / 0x07
0.1 K
R
R/W
Voltage( )
VOLT
0x08 / 0x09
mV
R
R/W
Flags( )
FLAGS
0x0a / 0x0b
N/A
R
R/W
NominalAvailableCapacity( )
NAC
0x0c / 0x0d
mAh
R
R/W
FullAvailableCapacity( )
FAC
0x0e / 0x0f
mAh
R
R/W
RemainingCapacity( )
RM
0x10 / 0x11
mAh
R
R/W
FullChargeCapacity( )
FCC
0x12 / 0x13
mAh
R
R/W
AverageCurrent( )
AI
0x14 / 0x15
mA
R
R/W
TimeToEmpty( )
TTE
0x16 / 0x17
Minutes
R
R/W
TimeToFull( )
TTF
0x18 / 0x19
Minutes
R
R/W
StandbyCurrent( )
SI
0x1a / 0x1b
mA
R
R/W
StandbyTimeToEmpty( )
STTE
0x1c / 0x1d
Minutes
R
R/W
MaxLoadCurrent( )
MLI
0x1e / 0x1f
mA
R
R/W
MaxLoadTimeToEmpty( )
MLTTE
0x20 / 0x21
Minutes
R
R/W
AvailableEnergy( )
AE
0x22 / 0x23
mWh
R
R/W
AveragePower( )
AP
0x24 / 0x25
mW
R
R/W
TimeToEmptyAtConstantPower( )
TTECP
0x26 / 0x27
Minutes
R
R/W
Reserved
RSVD
0x28 / 0x29
N/A
R
R/W
CycleCount( )
CC
0x2a / 0x2b
Counts
R
R/W
StateOfCharge( )
SOC
0x2c / 0x2d
%
R
R/W
Submit Documentation Feedback
GENERAL DESCRIPTION
9


Similar Part No. - BQ27500DRZR-V100G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500DRZR-V100 TI-BQ27500DRZR-V100 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27500DRZR-V100G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com