Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27500DRZT-V120 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500DRZT-V120
Description  System-Side Impedance TracTM Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500DRZT-V120 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27500DRZT-V120 Datasheet HTML 4Page - Texas Instruments BQ27500DRZT-V120 Datasheet HTML 5Page - Texas Instruments BQ27500DRZT-V120 Datasheet HTML 6Page - Texas Instruments BQ27500DRZT-V120 Datasheet HTML 7Page - Texas Instruments BQ27500DRZT-V120 Datasheet HTML 8Page - Texas Instruments BQ27500DRZT-V120 Datasheet HTML 9Page - Texas Instruments BQ27500DRZT-V120 Datasheet HTML 10Page - Texas Instruments BQ27500DRZT-V120 Datasheet HTML 11Page - Texas Instruments BQ27500DRZT-V120 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
4
GENERAL DESCRIPTION
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
www.ti.com
The bq27500/1 accurately predicts the battery capacity and other operational characteristics of a single
Li-based rechargeable cell. It can be interrogated by a system processor to provide cell information, such
as state-of-charge (SOC), time-to-empty (TTE) and time-to-full (TTF).
Information is accessed through a series of commands, called Standard Commands. Further capabilities
are provided by the additional Extended Commands set. Both sets of commands, indicated by the general
format Command( ), are used to read and write information contained within the bq27500/1 control and
status registers, as well as its data flash locations. Commands are sent from system to gauge using the
bq27500/1 I2C serial communications engine, and can be executed during application development, pack
manufacture, or end-equipment operation.
Cell information is stored in the bq27500/1 in non-volatile flash memory. Many of these data flash
locations are accessible during application development. They cannot be accessed directly during
end-equipment operation. Access to these locations is achieved by either use of the bq27500/1
companion evaluation software, through individual commands, or through a sequence of data-flash-access
commands. To access a desired data flash location, the correct data flash subclass and offset must be
known.
The bq27500/1 provides 96 bytes of user-programmable data flash memory, partitioned into three 32-byte
blocks: Manufacturer Info Block A, Manufacturer Info Block B, and Manufacturer Info Block C. This
data space is accessed through a data flash interface. For specifics on accessing the data flash, see
Section 4.3, Manufacturer Information Blocks.
The key to the high-accuracy fuel gauging prediction of the bq27500/1 is Texas Instruments' proprietary
Impedance Track™ algorithm. This algorithm uses cell measurements, characteristics, and properties to
create state-of-charge predictions that can achieve less than 1% error across a wide variety of operating
conditions and over the lifetime of the battery.
The bq27500/1 measures charge/discharge activity by monitoring the voltage across a small-value series
sense resistor (5 m
Ω to 20 mΩ, typ.) located between the system Vss and the battery PACK– terminal.
When a cell is attached to the bq27500/1, cell impedance is computed, based on cell current, cell
open-circuit voltage (OCV), and cell voltage under loading conditions.
The bq27500/1 must use an NTC thermistor Semitec 103AT for temperature measurement, or can also
be configured to use its internal temperature sensor. The bq27500/1 uses temperature to monitor the
battery-pack environment, which is used for fuel gauging and cell protection functionality.
To minimize power consumption, the bq27500/1 has several power modes: NORMAL, SLEEP,
HIBERNATE, and BAT INSERT CHECK. The bq27500/1 passes automatically between these modes,
depending upon the occurrence of specific events, though a system processor can initiate some of these
modes directly. More details can be found in Section 5.7, Power Modes.
NOTE
FORMATTING CONVENTIONS IN THIS DOCUMENT:
Commands: italics with parentheses and no breaking spaces, e.g., RemainingCapacity( ).
Data flash: italics, bold, and breaking spaces, e.g., Design Capacity
Register bits and flags: brackets and italics, e.g., [TDA]
Data flash bits: brackets, italics and bold, e.g., [LED1]
Modes and states: ALL CAPITALS, e.g., UNSEALED mode.
GENERAL DESCRIPTION
8
Submit Documentation Feedback


Similar Part No. - BQ27500DRZT-V120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500DRZT-V120 TI-BQ27500DRZT-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500DRZT-V120G4 TI-BQ27500DRZT-V120G4 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27500DRZT-V120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com