Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432194C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD6432194C
Description  Renesas 16-Bit Single-Chip Microcomputer
Download  1078 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432194C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD6432194C Datasheet HTML 2Page - Renesas Technology Corp HD6432194C Datasheet HTML 3Page - Renesas Technology Corp HD6432194C Datasheet HTML 4Page - Renesas Technology Corp HD6432194C Datasheet HTML 5Page - Renesas Technology Corp HD6432194C Datasheet HTML 6Page - Renesas Technology Corp HD6432194C Datasheet HTML 7Page - Renesas Technology Corp HD6432194C Datasheet HTML 8Page - Renesas Technology Corp HD6432194C Datasheet HTML 9Page - Renesas Technology Corp HD6432194C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 1078 page
background image
Rev.3.00 Jan. 10, 2007 page vi of xxxvi
REJ09B0328-0300
Item
Page
Revision (See Manual for Details)
8.5.1 Program Mode
(n = 1 for addresses
H'00000 to H'1FFFF
and n= 2 for addresses
H'20000 to H'3FFFF)
195
Section 8.5.1 title amended
8.5.3 Erase Mode (n =
1 for Addresses
H'00000 to H'1FFFF
and N = 2 for
Addresses H'20000 to
H'3FFFF)
198
Description amended
… is switched to erase mode by setting the En bit in FLMCRn.
The time during ...
8.8.1 Program Mode
Setting
205
Description amended
… Renesas Technology microcomputer device type with 256-
kbyte on-chip flash memory. …
8.8.3 Programmer
Mode Operation
Table 8.10 Settings
for Each Operating
Mode in Programmer
Mode
206
Table 8.10 amended
Pin Names
Mode
FWE
CE
CE
OE
OE
WE
WE
FO0 to FO7
FA0 to FA17
Read
H or L
L
L
H
Data output
Ain
Output disable
H or L
L
H
H
Hi-Z
X
Command write
H or L*
3
L
H
L
Data input
Ain*
2
Chip disable*
1
H or L
H
X
X
Hi-Z
X
8.8.5 Auto-Program
Mode
211
Description amended
(d) … Do not perform transfer after the third cycle.
11.1.2 Port Input
Table 11.1 Port
Functions
236
Pin description for port 0 in table 11.1 amended
P07/AN7 to P00/AN0
11.1.3 MOS Pull-Up
Transistors
Figure 11.1 Circuit
Configuration of Pin
with MOS Pull-Up
Transistor
237
Figure 11.1 amended
Input data
11.2.4 Pin States
Table 11.4 Port 0 Pin
States
240
Table 11.4 amended
P07/AN7 to P00/AN0
11.4.1 Overview
248
(1) Port Mode Register 2 (PMR2)
Description amended
Port mode register 2 (PMR2) controls switching … If the SCK1,
SCK2, SI1, and SI2 input pins are set, …


Similar Part No. - HD6432194C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432196R RENESAS-HD6432196R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432196S RENESAS-HD6432196S Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432197R RENESAS-HD6432197R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432197S RENESAS-HD6432197S Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432198R RENESAS-HD6432198R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432194C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3664BPV RENESAS-HD64F3664BPV Datasheet
2Mb / 446P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F38602R RENESAS-HD64F38602R Datasheet
3Mb / 552P
   Renesas 16-Bit Single-Chip Microcomputer
H8S33 RENESAS-H8S33 Datasheet
7Mb / 1489P
   Renesas 16-Bit Single-Chip Microcomputer
H8S29 RENESAS-H8S29 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
H8S-2427 RENESAS-H8S-2427 Datasheet
7Mb / 1270P
   Renesas- 16-bit single-chip microcomputer
Rev.3.00 2012.09
H8S43 RENESAS-H8S43 Datasheet
6Mb / 1279P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F2168 RENESAS-HD64F2168 Datasheet
4Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer
H838799 RENESAS-H838799 Datasheet
4Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer
H83069RF RENESAS-H83069RF Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
3069RF-ZTAT RENESAS-3069RF-ZTAT Datasheet
4Mb / 1003P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com