Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433048 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD6433048
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
Download  905 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433048 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD6433048 Datasheet HTML 2Page - Renesas Technology Corp HD6433048 Datasheet HTML 3Page - Renesas Technology Corp HD6433048 Datasheet HTML 4Page - Renesas Technology Corp HD6433048 Datasheet HTML 5Page - Renesas Technology Corp HD6433048 Datasheet HTML 6Page - Renesas Technology Corp HD6433048 Datasheet HTML 7Page - Renesas Technology Corp HD6433048 Datasheet HTML 8Page - Renesas Technology Corp HD6433048 Datasheet HTML 9Page - Renesas Technology Corp HD6433048 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 905 page
background image
Rev. 7.00 Sep 21, 2005 page vi of xxiv
Hardware
Manual
H8/3048 Group
H8/3048F-ONE
ROM Type
ZTAT
Mask ROM
F-ZTAT
ROM Capacity
128 kbytes
H8/3048: 128 kbytes
H8/3047: 96 kbytes
H8/3045: 64 kbytes
H8/3044: 32 kbytes
128 kbytes
128 kbytes
Flash Memory
Refer to section 19,
ROM (H8/3048F).
Refer to section 18,
Flash Memory
(H8/3048F-ONE Single
Power Supply).
Clock Pulse
Generator
Refer to section 20, Clock Pulse Generator.
Refer to section 19,
Clock Pulse Generator.
Refer to section 21, Power-Down State.
Refer to section 20,
Power-Down State.
Power-Down
State
Clock oscillator settling time: Waiting time of up to 131072 states
Clock oscillator settling
time: Waiting time of up
to 262144 states
Refer to table 22.1, Electrical Characteristics of H8/3048 Group
Products, in section 22.
Refer to table 21.1,
Electrical
Characteristics of
H8/3048 Group
Products, in section 21.
Electrical
Characteristics
(Clock Rate)
1 to 18 MHz
1 to 16 MHz
5 V operation models:
2 to 25 MHz,
3 V operation models:
2 to 25 MHz.
List of Registers Refer to table B.1, Comparison of H8/3048 Group Internal I/O Register Specifications, in
appendix B.
Refer to appendix B.1, Addresses.
Notes on Usage
Refer to section 1.4,
Notes on H8/3048F-
ONE (Single Power
Supply).
On-chip
Emulator (E10T)
On-chip emulator
(E10T)


Similar Part No. - HD6433048

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433048 HITACHI-HD6433048 Datasheet
2Mb / 867P
   Hitachi Single-Chip Microcomputer
logo
Renesas Technology Corp
HD6433048B RENESAS-HD6433048B Datasheet
4Mb / 901P
   8-Bit Single-Chip Microcomputer
HD6433048BV RENESAS-HD6433048BV Datasheet
4Mb / 901P
   8-Bit Single-Chip Microcomputer
More results

Similar Description - HD6433048

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3067 RENESAS-H8-3067 Datasheet
4Mb / 963P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com