Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21246SNFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F21246SNFP
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
Download  525 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21246SNFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F21246SNFP Datasheet HTML 1Page - Renesas Technology Corp R5F21246SNFP Datasheet HTML 2Page - Renesas Technology Corp R5F21246SNFP Datasheet HTML 3Page - Renesas Technology Corp R5F21246SNFP Datasheet HTML 4Page - Renesas Technology Corp R5F21246SNFP Datasheet HTML 5Page - Renesas Technology Corp R5F21246SNFP Datasheet HTML 6Page - Renesas Technology Corp R5F21246SNFP Datasheet HTML 7Page - Renesas Technology Corp R5F21246SNFP Datasheet HTML 8Page - Renesas Technology Corp R5F21246SNFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 525 page
background image
2.
Notation of Numbers and Symbols
The notation conventions for register names, bit names, numbers, and symbols used in this manual are described
below.
(1)
Register Names, Bit Names, and Pin Names
Registers, bits, and pins are referred to in the text by symbols. The symbol is accompanied by the word
“register,” “bit,” or “pin” to distinguish the three categories.
Examples the PM03 bit in the PM0 register
P3_5 pin, VCC pin
(2)
Notation of Numbers
The indication “b” is appended to numeric values given in binary format. However, nothing is appended to the
values of single bits. The indication “h” is appended to numeric values given in hexadecimal format. Nothing
is appended to numeric values given in decimal format.
Examples Binary: 11b
Hexadecimal: EFA0h
Decimal: 1234


Similar Part No. - R5F21246SNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21246SNFP RENESAS-R5F21246SNFP Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21246SNFP RENESAS-R5F21246SNFP Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21246SNFP RENESAS-R5F21246SNFP Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
More results

Similar Description - R5F21246SNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C27 RENESAS-R8C27 Datasheet
4Mb / 485P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C RENESAS-R8C_08 Datasheet
4Mb / 487P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C28 RENESAS-R8C28_08 Datasheet
4Mb / 473P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C29 RENESAS-R8C29 Datasheet
4Mb / 471P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C2E RENESAS-R8C2E Datasheet
3Mb / 354P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2K RENESAS-R8C2K Datasheet
4Mb / 471P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C20 RENESAS-R8C20 Datasheet
4Mb / 501P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2A RENESAS-R8C2A Datasheet
6Mb / 609P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2H RENESAS-R8C2H Datasheet
3Mb / 367P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C23 RENESAS-R8C23 Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com