Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433045VF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD6433045VF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
Download  905 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433045VF Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD6433045VF Datasheet HTML 1Page - Renesas Technology Corp HD6433045VF Datasheet HTML 2Page - Renesas Technology Corp HD6433045VF Datasheet HTML 3Page - Renesas Technology Corp HD6433045VF Datasheet HTML 4Page - Renesas Technology Corp HD6433045VF Datasheet HTML 5Page - Renesas Technology Corp HD6433045VF Datasheet HTML 6Page - Renesas Technology Corp HD6433045VF Datasheet HTML 7Page - Renesas Technology Corp HD6433045VF Datasheet HTML 8Page - Renesas Technology Corp HD6433045VF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 905 page
background image
Rev. 7.00 Sep 21, 2005 page v of xxiv
Comparison of H8/3048 Group Product Specifications
There are seven members of the H8/3048 Group; the H8/3048F-ZTAT (H8/3048F*
1, H8/3048F-
ONE*2), H8/3048ZTAT, H8/3048 mask ROM version, H8/3047 mask ROM version, H8/3045
mask ROM version, and H8/3044 mask ROM version.
The specifications of each model is compared below.
Notes: 1. H8/3048F has dual power supply with flash memory installed.
2. H8/3048F-ONE has single power supply with flash memory and E10T installed.
Refer to the H8/3048F-ONE Hardware Manual (revision 1) for details.
Hardware
Manual
H8/3048 Group
H8/3048F-ONE
ROM Type
ZTAT
Mask ROM
F-ZTAT
Model Type
H8/3048
H8/3048 mask ROM version
H8/3047 mask ROM version
H8/3045 mask ROM version
H8/3044 mask ROM version
H8/3048F
H8/3048F-ONE
Model Spec
PROM model
Mask ROM model
Dual power supply,
flash memory is
installed
Single power supply,
flash memory installed,
internal step-down,
high-speed operation
model
Refer to 1.4,
Differences between
H8/3048F and
H8/3048F-ONE.
Refer to 1.4.3,
Differences between
H8/3048F and
H8/3048F-ONE.
Model Type No. HD6473048
HD6433048
HD6433047
HD6433045
HD6433044
HD64F3048
HD64F3048B
Pin Assignment
Refer to figure 1.2, Pin Arrangement of H8/3048ZTAT, H8/3048
Mask ROM Version, H8/3047 Mask ROM Version, H8/3045 Mask
ROM Version, H8/3044 Mask ROM Version, and H8/3048F
(FP-100B or TFP-100B, Top View), in section 1.
5-V operation models
have a VCL pin and an
external capacitor must
be connected.
Refer to figure 1.3,
H8/3048F-ONE Pin
Arrangement (FP-100B
or TFP-100B, Top
View), in section 1.
RAM Capacity
4 kbytes
H8/3048: 4 kbytes
H8/3047: 4 kbytes
H8/3045: 2 kbytes
H8/3044: 2 kbytes
4 kbytes
4 kbytes


Similar Part No. - HD6433045VF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433045 HITACHI-HD6433045 Datasheet
2Mb / 867P
   Hitachi Single-Chip Microcomputer
More results

Similar Description - HD6433045VF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3067 RENESAS-H8-3067 Datasheet
4Mb / 963P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com