Selected language     English  ▼


STX93003 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. STX93003
Description  HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 2 page
background image
THERMAL DATA
Rthj-case
Rthj-Amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
83.3
200
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = -500V
VCE = -500V
Tj = 125
oC
-1
-5
mA
mA
V(BR)EBO
Emitter Base
Breakdown Voltage
(IC = 0)
IE = -10 mA
-5
-10
V
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = -10 mA
L = 25 mH
-400
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -0.5 A
IB = -0.1 A
IC = -0.35 A
IB = -50 mA
-0.5
-0.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = -0.5 A
IB = -0.1 A
-1
V
hFE
DC Current Gain
IC = -10 mA
VCE = -5 V
IC = -0.35 A
VCE = -5 V
IC = -1 A
VCE = -5 V
10
16
4
25
32
tr
ts
tf
RESISTIVE LOAD
Rise Time
Storage Time
Fall Time
IC = -0.35 A
VCC = 125 V
IB1 = -70 mA
IB2 = 70 mA
Tp
≥ 25 µs
(see Figure 2)
1.5
90
2.2
0.1
2.9
ns
µs
µs
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = -0.5 A
IB1 = -0.1 A
VBE(off) = 5 V
L = 10 mH
Vclamp = 300 V
(see Figure 1)
400
40
ns
ns
Esb
Avalanche Energy
L = 4 mH
C = 1.8 nF
IBR
≤ 2.5 A
25
oC < TC < 125oC
12
mJ
∗ Pulsed: Pulse duration = 300µs, duty cycle = 1.5 %.
STX93003
2/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ST93003HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STD93003HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BUH515HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BUL38DHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
ST2310HIHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STX83003HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
ST2310DHIHIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
MJD49T4HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BULD1101ET4HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
BUL805High voltage fast-switching NPN Power Transistor 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl