Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21163SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F21163SP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
Download  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21163SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F21163SP Datasheet HTML 1Page - Renesas Technology Corp R5F21163SP Datasheet HTML 2Page - Renesas Technology Corp R5F21163SP Datasheet HTML 3Page - Renesas Technology Corp R5F21163SP Datasheet HTML 4Page - Renesas Technology Corp R5F21163SP Datasheet HTML 5Page - Renesas Technology Corp R5F21163SP Datasheet HTML 6Page - Renesas Technology Corp R5F21163SP Datasheet HTML 7Page - Renesas Technology Corp R5F21163SP Datasheet HTML 8Page - Renesas Technology Corp R5F21163SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 279 page
background image
How to Use This Manual
1.
Introduction
This hardware manual provides detailed information on the R8C/16 Group, R8C/17 Group of
microcomputers.
Users are expected to have basic knowledge of electric circuits, logical circuits and microcomputers.
2.
Register Diagram
The symbols, and descriptions, used for bit function in each register are shown below.
*1
Blank:Set to “0” or “1” according to the application
0: Set to “0”
1: Set to “1”
X: Nothing is assigned
*2
RW: Read and write
RO: Read only
WO: Write only
−: Nothing is assigned
*3
•Reserved bit
Reserved bit. Set to specified value.
*4
•Nothing is assigned
Nothing is assigned to the bit concerned. As the bit may be use for future functions,
set to “0” when writing to this bit.
•Do not set to this value
The operation is not guaranteed when a value is set.
•Function varies depending on mode of operation
Bit function varies depending on peripheral function mode.
Refer to respective register for each mode.
*5
Follow the text in each manual for binary and hexadecimal notations.
XXX Register
Symbol
Address
After Reset
XXX
XXX
00h
Bit Name
Bit Symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
XXX Bit
1 0: XXX
0 1: XXX
1 0: Avoid this setting
1 1: XXX
b1 b0
XXX1
XXX0
XXX4
Reserved Bit
XXX5
XXX7
XXX6
Function
Nothing is assigned.
When write, should set to “0”. When read, its content is indeterminate.
XXX Bit
Function varies depending on each operation
mode
Must set to “0”
0
(b3)
(b2)
RW
RW
RW
RW
WO
RW
RO
XXX Bit
0: XXX
1: XXX
*1
*2
*3
*4
*5


Similar Part No. - R5F21163SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21102DFP RENESAS-R5F21102DFP Datasheet
1Mb / 199P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
R5F21102FP RENESAS-R5F21102FP Datasheet
1Mb / 199P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
R5F21103DFP RENESAS-R5F21103DFP Datasheet
1Mb / 199P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
R5F21103FP RENESAS-R5F21103FP Datasheet
1Mb / 199P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
R5F21104DFP RENESAS-R5F21104DFP Datasheet
1Mb / 199P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - R5F21163SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C12 RENESAS-R8C12 Datasheet
1Mb / 198P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
R8C13 RENESAS-R8C13 Datasheet
2Mb / 224P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
R8C-13 RENESAS-R8C-13_1 Datasheet
2Mb / 224P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
R8C14 RENESAS-R8C14 Datasheet
3Mb / 277P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
R5F21114DFP RENESAS-R5F21114DFP Datasheet
1Mb / 227P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
R8C-12 RENESAS-R8C-12_1 Datasheet
1Mb / 198P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
R8C11 RENESAS-R8C11 Datasheet
1Mb / 227P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
M16C28 RENESAS-M16C28 Datasheet
2Mb / 423P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C26A RENESAS-M16C26A Datasheet
2Mb / 352P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C6NK RENESAS-M16C6NK Datasheet
2Mb / 404P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com