Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2V-B-12MI Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD835G2V-B-12MI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2V-B-12MI Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD835G2V-B-12MI Datasheet HTML 7Page - STMicroelectronics PSD835G2V-B-12MI Datasheet HTML 8Page - STMicroelectronics PSD835G2V-B-12MI Datasheet HTML 9Page - STMicroelectronics PSD835G2V-B-12MI Datasheet HTML 10Page - STMicroelectronics PSD835G2V-B-12MI Datasheet HTML 11Page - STMicroelectronics PSD835G2V-B-12MI Datasheet HTML 12Page - STMicroelectronics PSD835G2V-B-12MI Datasheet HTML 13Page - STMicroelectronics PSD835G2V-B-12MI Datasheet HTML 14Page - STMicroelectronics PSD835G2V-B-12MI Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
PSD8XX Family
PSD835G2
10
Pin*
(TQFP
Pin Name Pkg.)
Type
Description
PE3
74
I/O
Port E, PE3. This port is pin configurable and has multiple
CMOS
functions:
or Open
1. MCU I/O — standard output or input port.
Drain
2. Latched address output.
3. TDO output for JTAG/ISP interface.
PE4
75
I/O
Port E, PE4. This port is pin configurable and has multiple
CMOS
functions:
or Open
1. MCU I/O — standard output or input port.
Drain
2. Latched address output.
3. TSTAT output for the ISP interface.
4. Rdy/Bsy — for in-circuit Parallel Programming.
PE5
76
I/O
Port E, PE5. This port is pin configurable and has multiple
CMOS
functions:
or Open
1. MCU I/O — standard output or input port.
Drain
2. Latched address output.
3. TERR active low output for ISP interface.
PE6
77
I/O
Port E, PE6. This port is pin configurable and has multiple
CMOS
functions:
or Open
1. MCU I/O — standard output or input port.
Drain
2. Latched address output.
3. Vstby — SRAM standby voltage input for battery
backup SRAM
PE7
78
I/O
Port E, PE7. This port is pin configurable and has multiple
CMOS
functions:
or Open
1. MCU I/O — standard output or input port.
Drain
2. Latched address output.
3. Vbaton — battery backup indicator output. Goes high when
power is drawn from an external battery.
PF0-PF7
31-38
I/O
Port F, PF0-7. This port is pin configurable and has multiple
CMOS
functions:
or Open
1. MCU I/O — standard output or input port.
Drain
2. Input to the PLD.
3. Latched address outputs.
4. As address A0-3 inputs in 80C51XA mode
5. As data bus port (D0-7) in non-multiplexed bus configuration
PG0-PG7 21-28
I/O
Port G, PG0-7. This port is pin configurable and has multiple
CMOS
functions:
or Open
1. MCU I/O — standard output or input port.
Drain
2. Latched address outputs.
GND
8,30,
49,50,
70
VCC
9,29,
69
Table 5.
PSD835G2
Pin
Descriptions
(cont.)


Similar Part No. - PSD835G2V-B-12MI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD835G2V-120U STMICROELECTRONICS-PSD835G2V-120U Datasheet
983Kb / 118P
   Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PSD835G2V-120UI STMICROELECTRONICS-PSD835G2V-120UI Datasheet
983Kb / 118P
   Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PSD835G2V-120UIT STMICROELECTRONICS-PSD835G2V-120UIT Datasheet
983Kb / 118P
   Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PSD835G2V-120UT STMICROELECTRONICS-PSD835G2V-120UT Datasheet
983Kb / 118P
   Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PSD835G2V-70UIT STMICROELECTRONICS-PSD835G2V-70UIT Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
More results

Similar Description - PSD835G2V-B-12MI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
   Configurable Memory System on a Chip for 8-Bit Microcontrollers
logo
Cypress Semiconductor
CY8C25122 CYPRESS-CY8C25122 Datasheet
1Mb / 148P
   8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
logo
List of Unclassifed Man...
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com