Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 6N137
Description  High Speed Optocoupler, 10 MBd
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137 Datasheet(HTML) 5 Page - Vishay Siliconix

  6N137 Datasheet HTML 1Page - Vishay Siliconix 6N137 Datasheet HTML 2Page - Vishay Siliconix 6N137 Datasheet HTML 3Page - Vishay Siliconix 6N137 Datasheet HTML 4Page - Vishay Siliconix 6N137 Datasheet HTML 5Page - Vishay Siliconix 6N137 Datasheet HTML 6Page - Vishay Siliconix 6N137 Datasheet HTML 7Page - Vishay Siliconix 6N137 Datasheet HTML 8Page - Vishay Siliconix 6N137 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 84732
178
Rev. 1.3, 06-Oct-08
6N137, VO2601, VO2611, VO2630, VO2631, VO4661
Vishay Semiconductors
High Speed Optocoupler, 10 MBd
Fig. 3 - Single Channel Test Circuit for tEHL, and tELH
Notes
(1) For 6N137 and VO2630
(2) For VO2601 and VO2631
(3) For VO2611 and VO4661
Fig. 4 - Single Channel Test Circuit for Common Mode Transient Immunity
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode transient immunity
(high)
|VCM| = 10 V, VCC = 5 V, IF = 0 mA,
VO(min.) = 2 V, RL = 350 Ω, Tamb = 25 °C (1)
|CMH|
100
V/µs
|VCM| = 50 V, VCC = 5 V, IF = 0 mA,
VO(min.) = 2 V, RL = 350 Ω, Tamb = 25 °C (2)
|CMH|
5000
10 000
V/µs
|VCM| = 1 kV, VCC = 5 V, IF = 0 mA,
VO(min.) = 2 V, RL = 350 Ω, Tamb = 25 °C (3)
|CMH|
15 000
25 000
V/µs
|VCM| = 10 V, VCC = 5 V, IF = 7.5 mA,
VO(max.) = 0.8 V, RL = 350 Ω, Tamb = 25 °C (1)
|CML|
100
V/µs
|VCM| = 50 V, VCC = 5 V, IF = 7.5 mA,
VO(max.) = 0.8 V, RL = 350 Ω, Tamb = 25 °C (2)
|CML|
5000
10 000
V/µs
|VCM| = 1 kV, VCC = 5 V, IF = 7.5 mA,
VO(max.) = 0.8 V, RL = 350 Ω, Tamb = 25 °C (3)
|CML|
15 000
25 000
V/µs
1
2
3
4
8
7
6
5
18975-2
The probe and Jig capacitances are included in C
Input VE
Output VO
tEHL
tELH
C = 15 pF
GND
0.1 µF
bypass
VCC
VOUT
VCC
IF
RL
Output VO
monitoring
node
L
Single channel
Pulse gen.
Z = 50
Ω
t= t = 5 ns
o
f
r
L
7.5 mA
Input V
monitoring node
E
3 V
1.5 V
1.5 V
VE
V
CM (PEAK)
Switch AT A: IF
Switch AT A:
V
O
(min.
V
O
(max.)
0 V
5 V
V
CM
V
O
VO 0.5 V
CM
H
CML
1
2
3
4
8
7
6
5
18976-2
GND
0.1 µF
bypass
V
CC
VOUT
VCC
R
L
Output VO
monitoring
node
+
-
V
CM
Single channel
B
A
V
FF
I
F
Pulse generator
Z = 50
Ω
O
VE
)
= 0 mA
IF = 7.5 mA


Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
6N137 TOSHIBA-6N137 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com