Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N138-X009 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6N138-X009
Description  High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N138-X009 Datasheet(HTML) 1 Page - Vishay Siliconix

  6N138-X009 Datasheet HTML 1Page - Vishay Siliconix 6N138-X009 Datasheet HTML 2Page - Vishay Siliconix 6N138-X009 Datasheet HTML 3Page - Vishay Siliconix 6N138-X009 Datasheet HTML 4Page - Vishay Siliconix 6N138-X009 Datasheet HTML 5Page - Vishay Siliconix 6N138-X009 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Speed Optocoupler, 100 kBd,
Low Input Current, Photodiode Darlington Output
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83605
184
Rev. 1.5, 07-May-08
6N138/6N139
Vishay Semiconductors
DESCRIPTION
High common mode transient immunity and very high current
ratio together with 5300 VRMS insulation are achieved by
coupling and LED with an integrated high gain photo detector
in an eight pin dual-in-line package. Separate pins for the
photo diode and output stage enable TTL compatible
saturation voltages with high speed operation.
Photo darlington operation is achieved by tying the VCC and
VO terminals together. Access to the base terminal allows
adjustment to the gain bandwidth.
The 6N138 is ideal for TTL applications since the 300 %
minimum current transfer ratio with an LED current of 1.6 mA
enables operation with one unit load-in and one unit load-out
with a 2.2 k
Ω pull-up resistor.
The 6N139 is best suited for low power logic applications
involving CMOS and low power TTL. A 400 % current
transfer ratio with only 0.5 mA of LED current is guaranteed
from 0 °C to 70 °C.
Caution: Due to the small geometries of this device, it should be
handled with Electrostatic Discharge (ESD) precautions. Proper
grounding would prevent damage further and/or degradation which
may be induced by ESD.
FEATURES
• High current transfer ratio, 300 %
• Low input current, 0.5 mA
• High output current, 60 mA
• Isolation test voltage, 5300 VRMS
• TTL compatible output, VOL = 0.1 V
• High common mode rejection, 500 V/µs
• Adjustable bandwidth-access to base
• Standard molded dip plastic package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Logic
ground
isolation-TTL/TTL,
TTL/CMOS,
CMOS/CMOS, CMOS/TTL
• EIA RS 232 line receiver
• Low input current line receiver-long lines, party lines
• Telephone ring detector
• 117 VAC line voltage status indication-low input power
dissipation
• Low power systems-ground isolation
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 available with option 1
Note
For additional information on the available options refer to option information.
i179082
1
2
3
4
8
7
6
5
VCC
VB
V0
GND
NC
A
C
NC
ORDER INFORMATION
PART
REMARKS
6N138
CTR > 300 %, DIP-8
6N139
CTR > 500 %, DIP-8
6N138-X007
CTR > 300 %, SMD-8 (option 7)
6N138-X009
CTR > 300 %, SMD-8 (option 9)
6N139-X007
CTR > 500 %, SMD-8 (option 7)
6N139-X009
CTR > 500 %, SMD-8 (option 9)


Similar Part No. - 6N138-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N138-X009 VISHAY-6N138-X009 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
More results

Similar Description - 6N138-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N139 VISHAY-6N139 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 2.0, 14-Jul-15
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.5, 26-Oct-04
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com