Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N1136-X007 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 6N1136-X007
Description  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1136-X007 Datasheet(HTML) 4 Page - Vishay Siliconix

  6N1136-X007 Datasheet HTML 1Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 2Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 3Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 4Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 5Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 6Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 7Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 8Page - Vishay Siliconix 6N1136-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document Number: 83909
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 07-May-08
163
6N1135/6N1136
High Speed Optocoupler, 1 MBd,
Photodiode with Transistor Output, 110 °C
Rated
Vishay Semiconductors
Note
As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Forward Voltage vs. Forward Current
Fig. 4 - Collector Current vs. Collector Emitter Voltage
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/110/21
Pollution degree (DIN VDE 0109)
2.0
Comparative tracking index per
DIN IEC112/VDE 0303 part 1,
group IIIa per DIN VDE 6110
CTI
175
399
VIOTM
VIOTM
8000
V
VIORM
VIORM
630
V
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
PSI
PSI
500
mA
ISI
ISI
300
mW
TSI
TSI
175
°C
Creepage distance
7.0
mm
Clearance distance
7.0
mm
Insulation thickness
0.2
mm
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
0.01
0.10
1.00
10.00
100.00
IF - Forward Current (mA )
17585
110 °C
50 °C
25 °C
- 55 °C
0
1
2
3
4
5
6
7
8
9
10
11
12
0 1 23 4567 8 9 1011 121314 15
VCE - Collector Emitter Voltage (V)
17586
Tamb = 25 C,
VCC= 5 V, non-saturated
IF = 25 mA
20 mA
15 mA
10 mA
5 mA


Similar Part No. - 6N1136-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1136-X007 VISHAY-6N1136-X007 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
More results

Similar Description - 6N1136-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6N1135 VISHAY-6N1135 Datasheet
228Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Rev. 1.5, 26-Oct-04
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com