Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C752CRHBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752CRHBR
Description  DUAL UART WITH 64-BYTE FIFO
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CRHBR Datasheet(HTML) 4 Page - Texas Instruments

  TL16C752CRHBR Datasheet HTML 1Page - Texas Instruments TL16C752CRHBR Datasheet HTML 2Page - Texas Instruments TL16C752CRHBR Datasheet HTML 3Page - Texas Instruments TL16C752CRHBR Datasheet HTML 4Page - Texas Instruments TL16C752CRHBR Datasheet HTML 5Page - Texas Instruments TL16C752CRHBR Datasheet HTML 6Page - Texas Instruments TL16C752CRHBR Datasheet HTML 7Page - Texas Instruments TL16C752CRHBR Datasheet HTML 8Page - Texas Instruments TL16C752CRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
www.ti.com
TL16C752C
DUAL UART
WITH 64-BYTE FIFO
SLLS646 – MARCH 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PFB
RHB
Request to send (active low). These outputs are associated with individual UART
channels A through D. A low on the RTS pins indicates the transmitter has data ready
and waiting to send. Writing a 1 in the modem control register (MCR[1]) sets these pins
RTSA, RTSB,
33, 22
21, 14
O
to low, indicating data is available. After a reset, these pins are set to 1. These pins only
affect the transmit and receive operation when auto-RTS function is enabled through the
enhanced feature register (EFR[6]), for hardware flow control operation.
Receive data input. These inputs are associated with individual serial channel data to
the TL16C752C. During the local loopback mode, these RX input pins are disabled and
RXA, RXB,
5, 4
4, 3
I
TX data is internally connected to the UART RX input internally. During normal mode,
RXn should be held high when no data is being received. These outputs also can be
used in IrDA mode. See the IrDA mode section for more information.
Receive ready (active low). RXRDYA and RXRDYB go low when the trigger level has
RXRDYA,
31, 18
O
been reached or a timeout interrupt occurs. They go high when the RX FIFO is empty or
RXRDYB
there is an error in RX FIFO.
Transmit data. These outputs are associated with individual serial transmit channel data
TXA, TXB,
7, 8
5, 6
O
from the TL16C752C. During the local loopback mode, the TX input pin is disabled and
TX data is internally connected to the UART RX input.
TXRDYA,
Transmit ready (active low). TXRDYA and TXRDYB go low when there are a trigger
43, 6
O
TXRDYB
level number of spares available. They go high when the TX buffer is full.
VCC
6, 42
4, 26
Pwr
Power supply inputs
Crystal or external clock input. XTAL1 functions as a crystal input or as an external clock
input. A crystal can be connected between XTAL1 and XTAL2 to form an internal
XTAL1
13
9
I
oscillator circuit (see Figure 10). Alternatively, an external clock can be connected to
XTAL1 to provide custom data rates.
Output of the crystal oscillator or buffered clock. See also XTAL1. XTAL2 is used as a
XTAL2
14
10
O
crystal oscillator output or buffered clock output.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TL16C752C


Similar Part No. - TL16C752CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com