Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1792 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1792
Description  70-V Fault-Protected RS-485 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1792 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD1792 Datasheet HTML 1Page - Texas Instruments SN65HVD1792 Datasheet HTML 2Page - Texas Instruments SN65HVD1792 Datasheet HTML 3Page - Texas Instruments SN65HVD1792 Datasheet HTML 4Page - Texas Instruments SN65HVD1792 Datasheet HTML 5Page - Texas Instruments SN65HVD1792 Datasheet HTML 6Page - Texas Instruments SN65HVD1792 Datasheet HTML 7Page - Texas Instruments SN65HVD1792 Datasheet HTML 8Page - Texas Instruments SN65HVD1792 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SWITCHING CHARACTERISTICS
SN65HVD1785, SN65HVD1786
SN65HVD1787, SN65HVD1791
SN65HVD1792, SN65HVD1793
www.ti.com ....................................................................................................................................................... SLLS872E – JANUARY 2008 – REVISED JULY 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER (HVD1785 AND HVD1791)
tr, tf
Driver differential output rise/fall time
0.4
1.7
2.6
µs
tPHL, tPLH
Driver propagation delay
0.8
2
µs
RL = 54 Ω, CL = 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
20
250
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
0.1
5
µs
See Figure 4 and
Receiver enabled
0.2
3
Figure 5
tPZH, tPZL
Driver enable time
µs
Receiver disabled
3
12
DRIVER (HVD1786 AND HVD1792)
tr, tf
Driver differential output rise/fall time
50
300
ns
tPHL, tPLH
Driver propagation delay
200
ns
RL = 54 Ω, CL = 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
25
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
3
µs
See Figure 4 and
Receiver enabled
300
ns
Figure 5
tPZH, tPZL
Driver enable time
Receiver disabled
10
µs
DRIVER (HVD1787 AND HVD1793)
tr, tf
Driver differential output rise/fall time
3
30
ns
tPHL, tPLH
Driver propagation delay
50
ns
RL = 54 Ω, CL = 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
10
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
3
µs
See Figure 4 and
Receiver enabled
300
ns
Figure 5
tPZH, tPZL
Driver enable time
Receiver disabled
9
µs
RECEIVER (ALL DEVICES UNLESS OTHERWISE NOTED)
tr, tf
Receiver output rise/fall time
4
15
ns
85, 86, 91, 92
100
200
tPHL, tPLH
Receiver propagation delay time
ns
CL = 15 pF,
87, 93
70
See Figure 6
85, 86, 91, 92
6
20
Receiver output pulse skew,
tSK(P)
ns
|tPHL – tPLH|
87, 93
5
tPLZ, tPHZ
Receiver disable time
Driver enabled, See Figure 7
15
100
ns
tPZL(1), tPZH(1)
Driver enabled, See Figure 7
80
300
ns
Receiver enable time
tPZL(2), tPZH(2)
Driver disabled, See Figure 8
3
9
µs
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD1785, SN65HVD1786 SN65HVD1787, SN65HVD1791 SN65HVD1792, SN65HVD1793


Similar Part No. - SN65HVD1792

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1792 TI-SN65HVD1792 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1792 TI-SN65HVD1792 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792 TI-SN65HVD1792 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792D TI-SN65HVD1792D Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results

Similar Description - SN65HVD1792

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com