Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP102AIDRLTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102AIDRLTG4
Description  Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP102AIDRLTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP102AIDRLTG4 Datasheet HTML 3Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 4Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 5Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 6Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 7Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 8Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 9Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 10Page - Texas Instruments TMP102AIDRLTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CONFIGURATION REGISTER
ALERT (AL Bit)
CONVERSION RATE
EXTENDED MODE (EM)
TMP102
www.ti.com ............................................................................................................................................... SBOS397B – AUGUST 2007 – REVISED OCTOBER 2008
Table 6. 13-Bit Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
HEX
150
0 1001 0110 0000
0960
128
0 1000 0000 0000
0800
127.9375
0 0111 1111 1111
07FF
100
0 0110 0100 0000
0640
80
0 0101 0000 0000
0500
75
0 0100 1011 0000
04B0
50
0 0011 0010 0000
0320
25
0 0001 1001 0000
0190
0.25
0 0000 0000 0100
0004
0
0 0000 0000 0000
0000
–0.25
1 1111 1111 1100
1FFC
–25
1 1110 0111 0000
1E70
–55
1 1100 1001 0000
1C90
The Configuration Register is a 16-bit read/write
The AL bit is a read-only function. Reading the AL bit
register used to store bits that control the operational
will provide information about the comparator mode
modes
of
the
temperature
sensor.
Read/write
status. The state of the POL bit inverts the polarity of
operations are performed MSB first. The format and
data returned from the AL bit. For POL = 0, the AL bit
power-up/reset value of the Configuration Register is
will read as '1' until the temperature equals or
shown in Table 7. For compatibility, the first byte
exceeds THIGH for the programmed number of
corresponds to the Configuration Register in the
consecutive faults, causing the AL bit to read as '0'.
TMP75 and TMP275. All registers are updated byte
The AL bit will continue to read as '0' until the
by byte.
temperature falls below TLOW for the programmed
number of consecutive faults, when it will again read
Table 7. Configuration and Power-Up/Reset
as '1'. The status of the TM bit does not affect the
Format
status of the AL bit.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
OS
R1
R0
F1
F0
POL
TM
SD
1
The conversion rate bits, CR1 and CR0, configure the
0
1
1
0
0
0
0
0
TMP102 for conversion rates of 8Hz, 4Hz, 1Hz, or
CR1
CR0
AL
EM
0
0
0
0
2
0.25Hz. The default rate is 4Hz. The TMP102 has a
1
0
1
0
0
0
0
0
typical conversion time of 26ms. To achieve different
conversion rates, the TMP102 makes a conversion
and after that powers down and waits for the
appropriate delay set by CR1 and CR0. Table 8
The Extended mode bit configures the device for
shows the settings for CR1 and CR0.
Normal mode operation (EM = 0) or Extended mode
operation
(EM
=
1).
In
Normal
mode,
the
Table 8. Conversion Rate Settings
Temperature
Register
and
high-
and
low-limit
CR1
CR0
CONVERSION RATE
registers use a 12-bit data format. Normal mode is
used to make the TMP102 compatible with the
0
0
0.25Hz
TMP75.
0
1
1Hz
Extended mode (EM = 1) allows measurement of
1
0
4Hz (default)
temperatures
above
+128°C
by
configuring
the
1
1
8Hz
Temperature
Register,
and
high-
and
low-limit
registers, for 13-bit data format.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP102


Similar Part No. - TMP102AIDRLTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP102AIDRLTG4 TI-TMP102AIDRLTG4 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLTG4 TI1-TMP102AIDRLTG4 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102AIDRLTG4 TI1-TMP102AIDRLTG4 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

Similar Description - TMP102AIDRLTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108 TI-TMP108 Datasheet
268Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com