Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP423BIDCNRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP423BIDCNRG4
Description  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP423BIDCNRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP423BIDCNRG4 Datasheet HTML 4Page - Texas Instruments TMP423BIDCNRG4 Datasheet HTML 5Page - Texas Instruments TMP423BIDCNRG4 Datasheet HTML 6Page - Texas Instruments TMP423BIDCNRG4 Datasheet HTML 7Page - Texas Instruments TMP423BIDCNRG4 Datasheet HTML 8Page - Texas Instruments TMP423BIDCNRG4 Datasheet HTML 9Page - Texas Instruments TMP423BIDCNRG4 Datasheet HTML 10Page - Texas Instruments TMP423BIDCNRG4 Datasheet HTML 11Page - Texas Instruments TMP423BIDCNRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
APPLICATION INFORMATION
0.1 F
m
10kW
(typ)
10kW
(typ)
TMP421
DXP
DXN
V+
8
7
6
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
+5V
SMBus
Controller
Diode-connectedconfiguration
:
(1)
SeriesResistance
Transistor-connectedconfiguration
:
(1)
A1
A0
4
3
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
The TMP421 (two-channel), TMP422 (three-channel),
The TMP422 requires transistors connected between
and TMP423 (four-channel) are digital temperature
DX1 and DX2 and between DX3 and DX4. Unused
sensors
that
combine
a
local
die
temperature
channels on the TMP422 must be connected to GND.
measurement channel and one, two, or three remote
The TMP423 requires a transistor connected to each
junction temperature measurement channels in a
positive channel (DXP1, DXP2, and DXP3), with the
single
SOT23-8
package.
These
devices
are
base of each channel tied to the common negative,
two-wire- and SMBus interface-compatible and are
DXN. For an unused channel, the TMP423 DXP pin
specified over a temperature range of –40
°C to
can be left open or tied to GND.
+125
°C. The TMP421/22/23 each contain multiple
The TMP421/22/23 SCL and SDA interface pins each
registers for holding configuration information and
require pull-up resistors as part of the communication
temperature measurement results.
bus. A 0.1
µF power-supply bypass capacitor is
For proper remote temperature sensing operation, the
recommended for local bypassing. Figure 11 shows a
TMP421
requires
only
a
transistor
connected
typical configuration for the TMP421; Figure 12
between DXP and DXN pins. If the remote channel is
illustrates a typical application for the TMP422.
not utilized, DXP can be left open or tied to GND.
Figure 13 illustrates a typical application for the
TMP423.
(1) Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation.
(2) RS (optional) should be < 1.5kΩ in most applications. Selection of RS depends on application; see the Filtering section.
(3) CDIFF (optional) should be < 1000pF in most applications. Selection of CDIFF depends on application; see the Filtering section and
Figure 6, Remote Temperature Error vs Differential Capacitance.
Figure 11. TMP421 Basic Connections
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423


Similar Part No. - TMP423BIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP423BIDCNRG4 TI1-TMP423BIDCNRG4 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results

Similar Description - TMP423BIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com