Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7280 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7280
Description  Lithium Ion Battery Monitoring System
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7280 Datasheet HTML 6Page - Analog Devices AD7280 Datasheet HTML 7Page - Analog Devices AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices AD7280 Datasheet HTML 10Page - Analog Devices AD7280 Datasheet HTML 11Page - Analog Devices AD7280 Datasheet HTML 12Page - Analog Devices AD7280 Datasheet HTML 13Page - Analog Devices AD7280 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 10 of 33
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7280 is a Lithium Ion battery monitoring chip with the
ability to monitor the voltage and temperature of 6 series
connected battery cells. The AD7280 also provides an interface
which can be used to control transistors for cell balancing.
The VDD and VSS supplies required by the AD7280 can be taken
from the upper and lower voltages of the series connected
battery cells. An internal VREG rail is generated from the supply
voltage which provides power for the ADC and the internal
interface circuitry. This VREG voltage is available on an output
pin for use external to the AD7280.
The AD7280 consists of a high voltage input multiplexer, a low
voltage input multiplexer and a 12 bit ADC. The high voltage
multiplexer allows up to 6 series connected Lithium Ion battery
cells to be measured. The low voltage multiplexer allows the
temperature of each cell to be measured. A single CNVST
signal is required to initiate conversions on all 12 channels, that
is 6 voltage and 6 temperature channels. Alternatively the
conversion can be initiated through the rising edge of CS on the
SPI interface. Each conversion result is stored in a results
register (See Register section). On power-up, the CNVST signal
is the default option, this can be changed by writing to the
CONTROL register. The default sequence of conversions
completed following the CNVST signal, or software convert
start, is all 6 voltage channels followed by all 6 temperature
channels. Two further conversion sequences may be selected by
the user, 6 voltage channels followed by 3 temperature channels
or just 6 voltage channels. The conversion sequence may be
selected by writing to the CONTROL register.
Each voltage and temperature measurement requires a
minimum of 1us to acquire and complete a conversion.
Depending on the external components connected to the
analog inputs of the AD7280 additional acquisition time may be
required. A higher acquisition time may be selected through the
CONTROL register. The user may also select the averaging
option through the CONTROL register. This option allows the
user to complete 2, 4 or 8 averages on each cell voltage and cell
temperature measurement. The averaged conversion results are
stored in the results registers. On power-up the default
combined acquisition and conversion time will be 1us, with the
averaging register set to zero, that is a single conversion per
channel.
The results of the voltage and temperature conversions are read
back via the 4 wire Serial Peripheral Interface. The SPI interface
is also used to write to and read data from the internal registers.
The AD7280 features an ALERT function which is triggered if
the voltage conversion results or the temperature conversion
results exceed the maximum and minimum voltage thresholds
selected by the user. The threshold levels are selected by writing
to the internal registers.
The AD7280 provides 6 analog output voltages which can be
used to control external transistors as part of a cell balancing
circuit. Each Cell Balance output provides a 0V or 5V voltage,
with respect to the potential on base of each individual cell,
which can be applied to the gate of the external cell balancing
transistors.
The AD7280 features a daisy chain interface. Individual
AD7280s can monitor the cell voltages and temperatures of 6
cells, a chain of AD7280s can be used to monitor the cell
voltages and temperatures of a larger number of cells. The
conversion data from each AD7280 in the chain passes to the
system controller via a single standard serial interface. Control
data can similarly be passed via the standard serial interface up
the chain to each individual AD7280s
The AD7280 includes an on-chip 2.5V reference. The reference
voltage is available for use external to the AD7280.
CONVERTER OPERATION
The AD7280 consists of a high voltage input multiplexer, a low
voltage input multiplexer and a 12 bit ADC.
The high voltage multiplexer selects which pair of analog
inputs, Vin0 to Vin6, are to be converted. The voltage of each
individual cell is measured by converting the difference
between adjacent analog inputs, that is, Vin1 – Vin0, Vin2 –
Vin1, etc. This is illustrated in Figure 4 and Figure 5. The
conversion results for each cell may be accessed after the
programmed conversion sequence is complete.
The second multiplexer selects which voltage temperature
input, VT1 to VT6, is to be converted. The conversion results for
each cell may be accessed after the programmed conversion
sequence is complete.
Vin0
Vin1
Vin2
Vin3
Vin4
Vin5
Vin6
ADC Vin+
ADC Vin-
Figure 4. MUX Configuration During Vin1-Vin0 Sampling


Similar Part No. - AD7280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ AD-AD7280ABSTZ Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ-RL AD-AD7280ABSTZ-RL Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ AD-AD7280AWBSTZ Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ-RL AD-AD7280AWBSTZ-RL Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results

Similar Description - AD7280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
   2200mAh Lithium Ion Battery
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com