Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6015-M10G-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP6015-M10G-13
Description  High Efficiency Step-Down Low Power DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015-M10G-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP6015-M10G-13 Datasheet HTML 1Page - Diodes Incorporated AP6015-M10G-13 Datasheet HTML 2Page - Diodes Incorporated AP6015-M10G-13 Datasheet HTML 3Page - Diodes Incorporated AP6015-M10G-13 Datasheet HTML 4Page - Diodes Incorporated AP6015-M10G-13 Datasheet HTML 5Page - Diodes Incorporated AP6015-M10G-13 Datasheet HTML 6Page - Diodes Incorporated AP6015-M10G-13 Datasheet HTML 7Page - Diodes Incorporated AP6015-M10G-13 Datasheet HTML 8Page - Diodes Incorporated AP6015-M10G-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev.
2
5 of 18
AUGUST 2008
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Continued)
Over recommended operating free-air temperature range, VI=3.6V, VO=2.5V, IO=300 mA, EN=VIN. (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
Power switch and current limit
VI=VGS=3.6V; I=200mA
200
280
410
P-channel MOSFET on-resistance
VI=VGS=2V; I=200mA
-
480
-
m
P-channel leakage current
VDS=5.5V
-
-
1
μA
VI=VGS=3.6V; IO=200mA
200
280
410
N-channel MOSFET on-resistance
VI=VGS=2V; IO=200mA
-
500
-
m
RDS(on)
N-channel leakage current
VDS=5.5V
-
-
1
μA
I(LIM)
P-channel current limit
2.5V
≤V
I≤5.5V
1200
-
1600
mA
Power good output (see Note 5)
Power good threshold
Feedback voltage falling
88%
VO
92%
VO
94%
VO
V(PG)
Power good hysteresis
2.5% VO
V
VOL
PG output low voltage
V(FB)=0.8×VO nominal;
I(sink)=10μA
-
-
0.3
V
ILKG
PG output leakage current
V(FB)=VO nominal
0.01
1
μA
Minimum supply voltage for valid
power good signal
1.2
-
-
V
Oscillator
FS
Oscillator frequency
800
1000
1200
KHz
Output
VO
Adjustable output voltage range
0.8
5.5
V
VREF
Reference voltage
0.784
0.8
0.816
V
AP6015-Adj
VI=2.5V to 5.5V;
0mA
≤ I
O ≤ 800mA
-3%
-
4%
AP6015-1.8V
10mA
≤ I
O ≤ 800mA
-3%
-
3%
VI=2.7V to 5.5V;
0mA
≤ I
O ≤ 800mA
-3%
-
4%
AP6015-2.5V
10mA
≤ I
O ≤ 800mA
-3%
-
3%
VI=3.6V to 5.5V;
0mA
≤ I
O ≤ 800mA
-3%
-
4%
VO
Fixed output
voltage
(see Note 6)
AP6015-3.3V
10mA
≤ I
O ≤ 800mA
-3%
-
3%
V
Line regulation
VI= VO +0.5V (min.2V)
to 6.0V; IO=10mA
0.3
%/V
Load regulation
VI=5.0V;
IO=10mA to 800mA
0.8
%
VI=5V; VO=3.3V; IO=300mA
η
Efficiency
VI=3.6V; VO=2.5V; IO=200mA
94
%
Start-up time
IO=0mA, time from
active EN to VO
0.4
1
4
ms
θ
JA
Thermal Resistance
Junction-to-Ambient
MSOP-10L (Note 7)
161
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
MSOP-10L (Note 7)
39
oC/W
Notes:
5. Power good is not valid for the first 100
μs after EN goes high. Please refer to the application section for more information.
6. The output voltage accuracy includes line and load regulation over the full temperature range.
7. Test condition for MSOP-10L: Device mounted on 2oz copper, minimum recommended pad layout on top & bottom layer with thermal vias,
double sided FR-4 PCB


Similar Part No. - AP6015-M10G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6015-XXM10G-13 DIODES-AP6015-XXM10G-13 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
More results

Similar Description - AP6015-M10G-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com