Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL158125UC-TRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL158125UC-TRL
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL158125UC-TRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL158125UC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APL158125UC-TRL Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.5 - Mar., 2008
APL1581
www.anpec.com.tw
10
Application Information (Cont.)
A low-ESR solid tantalum and aluminum electrolytic
capacitor (ESR<1
Ω) works extremely well and provides
good transient response and stability over temperature.
Ultra-low-ESR capacitors, such as ceramic chip
capacitors, may promote unstable or under-damped
transient response, but proper ceramic chip capaci-
tors placed near loads can be used as decoupling
capacitors.
The output capacitors are also used to reduce the slew
rate of load current and help the APL1581 to minimize
variations of the output voltage, improving transient
response. For this purpose, the low-ESR capacitors
are recommended.
Input Capacitors
The input capacitors of VCNTL and VIN pins are not
required for stability but for supplying surge currents
during large load transients, and this will prevent the
input rail from drooping and improve the performance
of the APL1581. Because parasitic inductors from volt-
age sources or other bulk capacitors to the VCNTL
and VIN pins will limit the slew rate of the surge cur-
rents during large load transients, resulting in voltage
drop at VIN and VCNTL pins.
A capacitor of 1
µF (ceramic chip capacitor) or greater
(aluminum electrolytic capacitor) is recommended and
connected near VCNTL pin. For VIN pin, an aluminum
electrolytic capacitor (>33
µF) is recommended. It is
not necessary to use low-ESR capacitors. More ca-
pacitance reduces the variations of the input voltage
at VIN pin.
Stability and Output Capacitors (Cont.)
1
2
3
4
8
7
6
5
Top layer
VOUT plane
for Heat Dissipation
(La rge r a rea i s better)
COUT
CIN
Solde ring a rea
(140mil x
110mil)
for bottom pad
Vias
Vias
CCNTL
Load
Figure 3 Recommended SOP-8P Layout
Layout and Thermal Consideration
The APL1581 series have internal power and thermal
limiting (T
J=150
oC typical) circuitry designed to pro-
tect the device under overload conditions. However,
maximum junction temperature ratings should not be
exceeded under continuous normal load conditions.
Careful consideration must be given to all sources of
thermal resistance from junction to ambient, includ-
ing junction-to-case, case-to-heat sink interface, and
heat sink resistance itself.
See Figure 3 The SOP-8P is a cost-effective package
featuring a small size as a standard SOP-8 and a
bottom thermal pad to minimize the thermal resistance
of the package, being applicable to high current
applications. The thermal pad is soldered to the top
VOUT plane which may be connected to internal or
bottom VOUT plane by vias to reduce the heat sink
thermal resistance. Therefore, the printed circuit board
(PCB) forms a heat sink and dissipates heat into am-
bient air.


Similar Part No. - APL158125UC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL158125U4C-TRG ANPEC-APL158125U4C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158125U5C-TRG ANPEC-APL158125U5C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
More results

Similar Description - APL158125UC-TRL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com