Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2030-A0TR Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM2030-A0TR
Description  HDMI Transmitter Port Protection and Interface Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2030-A0TR Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM2030-A0TR Datasheet HTML 3Page - California Micro Devices Corp CM2030-A0TR Datasheet HTML 4Page - California Micro Devices Corp CM2030-A0TR Datasheet HTML 5Page - California Micro Devices Corp CM2030-A0TR Datasheet HTML 6Page - California Micro Devices Corp CM2030-A0TR Datasheet HTML 7Page - California Micro Devices Corp CM2030-A0TR Datasheet HTML 8Page - California Micro Devices Corp CM2030-A0TR Datasheet HTML 9Page - California Micro Devices Corp CM2030-A0TR Datasheet HTML 10Page - California Micro Devices Corp CM2030-A0TR Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CM2030
Hotplug Detect Logic
A valid pullup on the HDMI connector pin will overdrive
the internal pulldown and deliver a logic “high” to the
The CM2030 ensures that the local ASIC will properly
local ASIC.
detect an HDMI compliant Sink. The current sink main­
tains a local logic “low” when no system is connected.
HDMI CONN
19
CM2030
5V_SUPPLY
HP_OUT
IS
3IS
HP_IN
LV_SUPPLY
Figure 7. Hotplug Detect Circuit
© 2007 California Micro Devices Corp. All rights reserved.
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
7
Issue A – 11/16/07


Similar Part No. - CM2030-A0TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2030-A0TR ONSEMI-CM2030-A0TR Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
More results

Similar Description - CM2030-A0TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
CM2020-01TR ONSEMI-CM2020-01TR_11 Datasheet
310Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com