Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL158125KAC-TRL Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL158125KAC-TRL
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL158125KAC-TRL Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL158125KAC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL158125KAC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL158125KAC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL158125KAC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL158125KAC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL158125KAC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL158125KAC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL158125KAC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL158125KAC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.5 - Mar., 2008
APL1581
www.anpec.com.tw
2
PIN
Name
I/O
Description
VSENSE
I
Positive side of the reference voltage, which allows remote sensing to
obtain excellent load regulation.
ADJ
O
Negative side of the reference voltage, which allows to use resistor divider
to set an expect output voltage. A small bypass capacitor can be connected
from this pin to ground to improve PSRR performance.
GND
O
For fixed voltage devices this is the bottom of the resistor divider that sets
the output voltage.
VOUT
O
Output pin of the regulator, which connects to the TAB. A minimum of 10
µF
capacitor must be connected from this pin to ground to ensure the stability.
VCNTL
I
Supply pin of the control circuitry, which must be always higher than VOUT
for the device to regulate. (See electrical characteristics)
VIN
I
Power input pin of the regulator, which must be always higher than VOUT for
the device to regulate. (See electrical characteristics)
Pin Configuration
Pin Description
Front View of TO-220-5
Front View of TO-263-5
VIN
VCNTL
VOUT
ADJ(or GND)
VSENSE
1
2
3
4
5
TAB is VOUT
Front View of TO-252-5
VSENSE
ADJ (or GND)
VOUT
VCNTL
VIN
1
2
3
4
5
TAB is VOUT
1
2
3
4
5
6
7
8
VSENSE
ADJ (or GND)
VCNTL
VIN
VOUT
VOUT
VOUT
VOUT
SOP-8-P (Top View)
NC = No internal connection
= Thermal Pad
(connected to VOUT plane for better heat
dissipation)
VSENSE
ADJ (or GND)
VOUT
VCNTL
VIN
1
2
3
4
5
TAB is VOUT
Pin 5~8 must be connected together by a shortest
wide track or plane.


Similar Part No. - APL158125KAC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL158125KAC-TRG ANPEC-APL158125KAC-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
More results

Similar Description - APL158125KAC-TRL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com