Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS375 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS375
Description  4-BIT BISTABLE LATCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS375 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LS375 Datasheet HTML 1Page - Texas Instruments SN74LS375 Datasheet HTML 2Page - Texas Instruments SN74LS375 Datasheet HTML 3Page - Texas Instruments SN74LS375 Datasheet HTML 4Page - Texas Instruments SN74LS375 Datasheet HTML 5Page - Texas Instruments SN74LS375 Datasheet HTML 6Page - Texas Instruments SN74LS375 Datasheet HTML 7Page - Texas Instruments SN74LS375 Datasheet HTML 8Page - Texas Instruments SN74LS375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SNJ54LS375FK
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
SNJ54LS375FK
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
SNJ54LS375J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS375J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54LS375W
OBSOLETE
16
TBD
Call TI
Call TI
SNJ54LS375W
OBSOLETE
16
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 2


Similar Part No. - SN74LS375

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS375D MOTOROLA-SN74LS375D Datasheet
163Kb / 5P
   4-BIT D LATCH
SN74LS375N MOTOROLA-SN74LS375N Datasheet
163Kb / 5P
   4-BIT D LATCH
More results

Similar Description - SN74LS375

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5475 TI1-SN5475_12 Datasheet
565Kb / 8P
[Old version datasheet]   4-BIT BISTABLE LATCHES
SN5475 TI-SN5475 Datasheet
229Kb / 6P
[Old version datasheet]   4-BIT BISTABLE LATCHES
logo
Hitachi Semiconductor
HD74LS77 HITACHI-HD74LS77 Datasheet
59Kb / 6P
   4-bit Bistable Latches
logo
Renesas Technology Corp
HD74LS77 RENESAS-HD74LS77 Datasheet
70Kb / 5P
   4-bit Bistable Latches
logo
Texas Instruments
SN74100 TI-SN74100 Datasheet
127Kb / 3P
[Old version datasheet]   8-BIT BISTABLE LATCHES
SN54100 TI-SN54100 Datasheet
84Kb / 2P
[Old version datasheet]   8-BIT BISTABLE LATCHES
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
   Quad. Bistable Latches
logo
Renesas Technology Corp
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
   Quad. Bistable Latches
logo
Hitachi Semiconductor
HD74LS75 HITACHI-HD74LS75 Datasheet
66Kb / 6P
   Quadruple Bistable Latches
logo
Renesas Technology Corp
HD74LS375 RENESAS-HD74LS375 Datasheet
68Kb / 6P
   Quadruple Bistable Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com