Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N32-X007 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 4N32-X007
Description  Optocoupler, Photodarlington Output, High Gain, with Base Connection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32-X007 Datasheet(HTML) 2 Page - Vishay Siliconix

  4N32-X007 Datasheet HTML 1Page - Vishay Siliconix 4N32-X007 Datasheet HTML 2Page - Vishay Siliconix 4N32-X007 Datasheet HTML 3Page - Vishay Siliconix 4N32-X007 Datasheet HTML 4Page - Vishay Siliconix 4N32-X007 Datasheet HTML 5Page - Vishay Siliconix 4N32-X007 Datasheet HTML 6Page - Vishay Siliconix 4N32-X007 Datasheet HTML 7Page - Vishay Siliconix 4N32-X007 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 81865
2
Rev. 1.0, 11-Mar-08
4N32-X000/4N33-X000
Vishay Semiconductors Optocoupler, Photodarlington Output,
High Gain, with Base Connection
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
(2) Indicates JEDEC registered values.
COUPLER
Total dissipation
Ptot
250
mW
Derate linearly
3.3
mW/°C
Isolation test voltage (between emitter
and detector, standard climate:
23 °C/ 50 % RH,\\nDIN 500 14)
VISO
5300
VRMS
Leakage path
7.0
mm min.
Air path
7.0
mm min.
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time (2)
at 260 °C
10
s
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
1.25
1.5
V
Reverse current
VR = 3.0 V
IR
0.1
100
µA
Capacitance
VR = 0 V
CO
25
pF
OUTPUT
Collector emitter breakdown voltage (2)
IC = 100 µA, IF = 0
BVCEO
30
V
Collector base breakdown voltage (2)
IC = 100 µA, IF = 0
BVCBO
50
V
Emitter base breakdown voltage (2)
IC = 100 µA, IF = 0
BVEBO
8V
Emitter collector breakdown voltage (2)
IC = 100 µA, IF = 0
BVECO
510
V
Collector emitter leakage current
VCE = 10 V, IF = 0
ICEO
1.0
100
nA
IC = 0.5 mA, VCE = 5.0 V
hFE
13
COUPLER
Collector emitter saturation voltage
VCEsat
1.0
V
Coupling capacitance
1.5
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
VCE = 10 V, IF = 10 mA
CTR
500
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
VCC = 10 V, IC = 50 mA
ton
5.0
µs
Turn-off time
IF = 200 mA, RL = 180 Ω
toff
100
µs
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT


Similar Part No. - 4N32-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32-X007 VISHAY-4N32-X007 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
4N32-X007T VISHAY-4N32-X007T Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
More results

Similar Description - 4N32-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
Rev. 1.5, 26-Oct-04
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2023
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 08-May-08
4N32 VISHAY-4N32_08 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.5, 07-May-08
4N33 VISHAY-4N33_V01 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, With Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com