Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBA820 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TBA820
Description  1.2W AUDIO AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TBA820 Datasheet(HTML) 3 Page - STMicroelectronics

  TBA820 Datasheet HTML 1Page - STMicroelectronics TBA820 Datasheet HTML 2Page - STMicroelectronics TBA820 Datasheet HTML 3Page - STMicroelectronics TBA820 Datasheet HTML 4Page - STMicroelectronics TBA820 Datasheet HTML 5Page - STMicroelectronics TBA820 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
3
16
V
Vo
Quiescent output voltage (pin 5)
4
4.5
5
V
Id
Quiescent drain current
4
12
mA
Ib
Bias current (pin 3)
0.1
µA
Po
Output power
d = 10%
Rf = 120
Vs = 12V
Vs =9V
Vs =9V
Vs =6V
Vs = 3.5V
f = 1 kHz
RL =8
RL =4
RL =8
RL =4
RL =4
0.9
2
1.6
1.2
0.75
0.25
W
W
W
W
W
Ri
Input resistance (pin 3)
f = 1 kHz
5
M
B
Frequency response (-3 dB)
RL =8
C5 = 1000
µF
Rf = 120
CB = 680 pF
25 to 7,000
Hz
CB = 220 pF
25 to 20,000
d
Distortion
Po = 500 mW
RL =8
f= 1 kHz
Rf =33
0.8
%
Rf = 120
0.4
Gv
Voltage gain (open loop)
f = 1 kHz
RL =8
75
dB
Gv
Voltage gain (closed loop)
RL =8
Rf =33
45
dB
f= 1 kHz
Rf = 120
34
eN
Input noise voltage (*)
3
µV
iN
Input noise current (*)
0.4
nA
S
+ N
N
Signal to noise ratio (*)
Po = 1.2W
RL =8
Gv =34 dB
R1 = 10K
80
dB
R1 = 50 k
70
SVR
Supply voltage rejection
(test circuit of fig. 2)
RL =8
f(ripple) = 100 Hz
C6 = 47
µF
Rf = 120
42
dB
ELECTRICAL CHARACTERISTICS
(Refer to the test circuits Vs = 9V, Tamb =25
°C unless otherwise
specified)
(*) B = 22 Hz to 22 KHz
3/6
TBA820M


Similar Part No. - TBA820

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
117Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
TBA820M-D08-T UTC-TBA820M-D08-T Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
TBA820M-D08-T UTC-TBA820M-D08-T Datasheet
117Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
More results

Similar Description - TBA820

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TBA820M UTC-TBA820M Datasheet
94Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TBA820M TGS-TBA820M Datasheet
209Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TBA820M UTC-TBA820M_10 Datasheet
117Kb / 5P
   1.2W AUDIO POWER AMPLIFIER
logo
Panasonic Semiconductor
AN7110 PANASONIC-AN7110 Datasheet
72Kb / 3P
   1.2W Audio Power Amplifier
logo
SG Micro Corp
SGM4891 SGMICRO-SGM4891 Datasheet
295Kb / 11P
   1.2W Audio Power Amplifier
logo
Wuxi Youda electronics ...
YD820 YOUDA-YD820 Datasheet
79Kb / 4P
   1.2W AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1704 NTE-NTE1704 Datasheet
18Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1.2W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com