Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD10NM65N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD10NM65N
Description  N-channel 650 V, 0.43 廓, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10NM65N Datasheet(HTML) 1 Page - STMicroelectronics

  STD10NM65N_08 Datasheet HTML 1Page - STMicroelectronics STD10NM65N_08 Datasheet HTML 2Page - STMicroelectronics STD10NM65N_08 Datasheet HTML 3Page - STMicroelectronics STD10NM65N_08 Datasheet HTML 4Page - STMicroelectronics STD10NM65N_08 Datasheet HTML 5Page - STMicroelectronics STD10NM65N_08 Datasheet HTML 6Page - STMicroelectronics STD10NM65N_08 Datasheet HTML 7Page - STMicroelectronics STD10NM65N_08 Datasheet HTML 8Page - STMicroelectronics STD10NM65N_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2008
Rev 3
1/17
17
STD10NM65N - STF10NM65N
STP10NM65N - STU10NM65N
N-channel 650 V, 0.43
Ω, 9 A MDmesh™ II Power MOSFET
TO-220, TO-220FP, IPAK, DPAK
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Application
Switching applications
Description
This series of devices implements the second
generation of MDmesh™ Technology. This
revolutionary Power MOSFET associates a new
vertical structure to the Company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
max
ID
STD10NM65N
710 V
< 0.48
9 A
STF10NM65N
710 V
< 0.48
9 A(1)
1.
Limited only by maximum temperature allowed
STP10NM65N
710 V
< 0.48
9 A
STU10NM65N
710 V
< 0.48
9 A
TO-220
TO-220FP
IPAK
1
2
3
1
2
3
3
2
1
1
3
DPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD10NM65N
10NM65N
DPAK
Tape & reel
STF10NM65N
10NM65N
TO-220FP
Tube
STP10NM65N
10NM65N
TO-220
Tube
STU10NM65N
10NM65N
IPAK
Tube
www.st.com


Similar Part No. - STD10NM65N_08

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD10NM65N VBSEMI-STD10NM65N_08 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STD10NM65N_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
   N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STD5NM60 STMICROELECTRONICS-STD5NM60_08 Datasheet
561Kb / 18P
   N-channel 650 V@Tjmax, 0.9 廓, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STF12N65M5 STMICROELECTRONICS-STF12N65M5 Datasheet
1Mb / 23P
   N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
   N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
January 2009 Rev 3
STD10NM50N STMICROELECTRONICS-STD10NM50N Datasheet
1Mb / 18P
   N-channel 500 V, 0.53 廓, 7 A DPAK, TO-220FP, TO-220 MDmesh??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com