Electronic Components Datasheet Search |
|
M38020M2DXXXFP Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
M38020M2DXXXFP Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 208 page LIST OF GROUPS HAVING THE SIMILAR FUNCTIONS Prescaler : 3 Timer : 4 <8-bit> Prescaler : 3 Timer : 4 <8-bit> Prescaler : 3 Timer : 4 <8-bit> Function Group Pin (Package type) Timer A-D converter D-A converter Clock generating circuit Serial I/O Remarks One Time PROM EPROM RAM Mask ROM Memory type V 24K 512 384 32K 8K 16K 32K 16K (Note 1) 8K (Note 1) 16K (Note 1) 32K (Note 1) 384 384 640 8K (Note 1) 24K 384 384 640 16K (Note 1) 32K (Note 1) 32K (Note 1) 32K 1024 PWM output 512 16K 16K 16K 3800 group 64 pin • 64P4B • 64P6N-A • 64P6D-A 1 circuit UART or Clock synchronous ! 1 3802 group 64 pin • 64P4B • 64P6N-A 8-bit ! 8-channel 8-bit ! 2-channel UART or Clock synchronous ! 1 Clock synchronous ! 1 1 circuit 1 circuit UART or Clock synchronous ! 1 Clock synchronous ! 1 3806 group 3807 group 80 pin • 80P6N-A 2 circuit 8-bit ! 13-channel 8-bit ! 4-channel UART or Clock synchronous ! 1 Clock synchronous ! 1 Timer : 3 <8-bit> Timer X/Y : 2 Timer A/B : 2 <16-bit> 80 pin • 80P6N-A • 80P6S-A • 80P6D-A 12K (Note 1) 16K (Note 1) 24K (Note 3) 24K 32K (Note 3) 48K (Note 3) 1024 512 384 384 1024 24K (Note 2) 48K (Note 3) 8-bit ! 8-channel 8-bit ! 2-channel As of September 1995 Real time port output Analog comparator Watchdog timer 48K (Note 2) Notes 1: Extended operating temperature version available 2: High-speed version available 3: Extended operating temperature version and High-speed version available V. ROM expansion 3802 group, one of the CMOS 8-bit microcomputer 38000 series presented in this user’s manual is provided with standard functions. The basic functions of the 3800, 3802, 3806 and 3807 groups having the same functions are shown below. For the detailed functions of each group, refer to the related data book and user’s manual. List of groups having the same functions |
Similar Part No. - M38020M2DXXXFP |
|
Similar Description - M38020M2DXXXFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |