Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2812 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC2812
Description  Low-Frequency General-Purpose Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2812 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC2812_08 Datasheet HTML 1Page - Sanyo Semicon Device 2SC2812_08 Datasheet HTML 2Page - Sanyo Semicon Device 2SC2812_08 Datasheet HTML 3Page - Sanyo Semicon Device 2SC2812_08 Datasheet HTML 4Page - Sanyo Semicon Device 2SC2812_08 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1179 / 2SC2812
No.3218-1/5
Features
Miniature package facilitates miniaturization in end products.
High breakdown voltage.
Specifications ( ) : 2SA1179
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)55
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)150
mA
Collector Current (Pulse)
ICP
(--)300
mA
Base Current
IB
(--)30
mA
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)35V, IE=0A
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
μA
DC Current Gain
hFE
VCE=(--)6V, IC=(--)1mA
135*
600*
Gain-Bandwidth Product
fT
2SC2812 : VCE=6V, IC=1mA
100
MHz
2SA1179 : VCE=--6V, IC=--10mA
(180)
MHz
Marking: 2SA1179: M / 2SC2812: L
Continued on next page.
*: The 2SA1179 / 2SC2812 are classified by 1mA hFE as follws:
Rank
5
6
7
hFE
135 to 270
200 to 400
300 to 600
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN3218B
20608 TI IM TC-00001200 / 11707CA TI IM X-2476, 2478
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SA1179 / 2SC2812
PNP / NPN Epitaxial Planar Silicon Transistors
Low-Frequency General-Purpose
Amplifier Applications


Similar Part No. - 2SC2812_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2812N SANYO-2SC2812N Datasheet
41Kb / 3P
   2SA1179N
2SC2812N SANYO-2SC2812N Datasheet
40Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SC2812N SANYO-2SC2812N Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
logo
ON Semiconductor
2SC2812N6-CPA-TB-E ONSEMI-2SC2812N6-CPA-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
2SC2812N6-TB-E ONSEMI-2SC2812N6-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
More results

Similar Description - 2SC2812_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH_12 Datasheet
520Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com