Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD22NM20N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD22NM20N
Description  N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD22NM20N Datasheet(HTML) 1 Page - STMicroelectronics

  STD22NM20N Datasheet HTML 1Page - STMicroelectronics STD22NM20N Datasheet HTML 2Page - STMicroelectronics STD22NM20N Datasheet HTML 3Page - STMicroelectronics STD22NM20N Datasheet HTML 4Page - STMicroelectronics STD22NM20N Datasheet HTML 5Page - STMicroelectronics STD22NM20N Datasheet HTML 6Page - STMicroelectronics STD22NM20N Datasheet HTML 7Page - STMicroelectronics STD22NM20N Datasheet HTML 8Page - STMicroelectronics STD22NM20N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
November 2005
STD22NM20N
N-CHANNEL 200V - 0.088
Ω - 22A DPAK
ULTRA LOW GATE CHARGE MDmesh™ II MOSFET
Table 1: General Features
WORLDWIDE LOWEST GATE CHARGE
TYPICAL RDS(on) = 0.088 Ω
HIGH dv/dt and AVALANCHE CAPABILITIES
LOW INPUT CAPACITANCE
LOW GATE RESISTANCE
DESCRIPTION
This 200V MOSFET with a new advanced layout
brings all unique advantages of MDmesh technol-
ogy to lower voltages. The device exhibits world-
wide lowest gate charge for any given on-
resistance. Its use is therefore ideal as primary
switch in isolated DC-DC converters for Telecom
and Computer applications. Used in combination
with
secondary-side
low-voltage
STripFET™
products, it contributes to reducting losses and
boosting effeciency.
APPLICATIONS
The MDmesh™ family is very suitable for increas-
ing power density allowing system miniaturization
and higher efficiencies
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STD22NM20N
200 V
< 0.105
22 A
1
3
DPAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STD22NM20NT4
D22NM20N
DPAK
TAPE & REEL
Rev. 5


Similar Part No. - STD22NM20N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
STD22NM20NT4 STMICROELECTRONICS-STD22NM20NT4 Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
More results

Similar Description - STD22NM20N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N_06 Datasheet
453Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 20A PowerFLAT??ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N Datasheet
288Kb / 9P
   N-CHANNEL 200V - 0.088ohm - 20A PowerFLAT ULTRA LOW GATE CHARGE MDmesh II MOSFET
June 2005 Rev. 3
STP30NM30N STMICROELECTRONICS-STP30NM30N Datasheet
290Kb / 12P
   N-channel 300V - 0.078廓 - 30A - TO-220 Ultra low gate charge MDmesh??II Power MOSFET
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
   N-CHANNEL 100V - 0.055廓 - 22A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
   N-channel 600 V - 0.85 廓 - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh??II Power MOSFET
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
   N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT??LOW GATE CHARGE STripFET??II MOSFET
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
   N-channel 24V - 0.0039廓 - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com