Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F120M Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 16F120M
Description  Standard Recovery Diodes (Stud Version), 16 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16F120M Datasheet(HTML) 4 Page - Vishay Siliconix

  16F120M Datasheet HTML 1Page - Vishay Siliconix 16F120M Datasheet HTML 2Page - Vishay Siliconix 16F120M Datasheet HTML 3Page - Vishay Siliconix 16F120M Datasheet HTML 4Page - Vishay Siliconix 16F120M Datasheet HTML 5Page - Vishay Siliconix 16F120M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93491
4
Revision: 29-Sep-08
16F(R) Series
Vishay High Power Products Standard Recovery Diodes
(Stud Version), 16 A
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
025
50
75
100
Maximum Allowable Ambient Temperature (°C)
10 K/W
15 K/W
R
=
4 K
/W
- D
elta
R
thS
A
6 K
/W
8 K/W
20 K/W
30 K/W
0
5
10
15
20
25
0
5
10
15
20
25
30
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
16F(R) Series
T = 175°C
J
125
150
175
200
225
250
275
300
325
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
16F(R) Series
Initial T = 175°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
125
150
175
200
225
250
275
300
325
350
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
16F(R) Series
Initial T = 175°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
1
10
100
1000
01
23
45
6
T = 25°C
J
Instantaneous Forward Voltage (V)
16F(R) Series
T = 175°C
J
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
16F(R) Series
Steady State Value
R
= 1.6 K/W
(DC Operation)
thJC


Similar Part No. - 16F120M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16F120M VISHAY-16F120M Datasheet
154Kb / 7P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
More results

Similar Description - 16F120M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16FR VISHAY-VS-16FR_V01 Datasheet
158Kb / 6P
   Standard Recovery Diodes, (Stud Version), 16 A
01-Jan-2022
VS-16F10 VISHAY-VS-16F10 Datasheet
154Kb / 7P
   Standard Recovery Diodes (Stud Version), 16 A
Revision: 04-Apr-13
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com