Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T405-800T Datasheet(PDF) 5 Page - STMicroelectronics

Part # T405-800T
Description  4A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-800T Datasheet(HTML) 5 Page - STMicroelectronics

  T405-800T Datasheet HTML 1Page - STMicroelectronics T405-800T Datasheet HTML 2Page - STMicroelectronics T405-800T Datasheet HTML 3Page - STMicroelectronics T405-800T Datasheet HTML 4Page - STMicroelectronics T405-800T Datasheet HTML 5Page - STMicroelectronics T405-800T Datasheet HTML 6Page - STMicroelectronics T405-800T Datasheet HTML 7Page - STMicroelectronics T405-800T Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
T4 Series
5/8
Fig. 6:
Non-repetitive
surge peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10ms, and corresponding value of I²t.
Fig.
7:
On-state
characteristics
(maximum
values).
Fig. 8: Relative variation of critical rate of
decrease of main current versus (dV/dt)c (typical
values).
Fig. 9: Relative variation of critical rate of
decrease
of
main
current
versus
junction
temperature.
Fig. 10: DPAK thermal resistance junction to
ambient versus copper surface under tab (printed
circuit board FR4, copper thickness: 35µm).
0.01
0.10
1.00
10.00
1
10
100
500
tp (ms)
ITSM (A), I²t (A²s)
Tj initial=25°C
ITSM
I²t
dI/dt limitation:
50A/µs
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
30.0
ITM(A)
Tj max.:
Vto= 0.90 V
Rd= 120 m
Tj=Tj max.
VTM(V)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
T435
T410
T405
(dV/dt)c (V/µs)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [Tj] / (dI/dt)c [Tj specified]
Tj(°C)
0
4
8
1216202428323640
0
10
20
30
40
50
60
70
80
90
100
Rth(j-a) (°C/W)
DPAK
S(cm²)


Similar Part No. - T405-800T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405-800T STMICROELECTRONICS-T405-800T Datasheet
115Kb / 10P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
T405-800T JIEJIE-T405-800T Datasheet
662Kb / 6P
   4A TRIACs
logo
STMicroelectronics
T405-800T STMICROELECTRONICS-T405-800T Datasheet
119Kb / 10P
   4A TRIACS
January 2006 REV. 7
T405-800T STMICROELECTRONICS-T405-800T Datasheet
491Kb / 15P
   4 A Triacs
November 2016
T405-800T-TR STMICROELECTRONICS-T405-800T-TR Datasheet
115Kb / 10P
   4A TRIACS
More results

Similar Description - T405-800T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com