Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTQ060GTRL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 16CTQ060GTRL
Description  Schottky Rectifier, 2 x 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16CTQ060GTRL Datasheet(HTML) 4 Page - Vishay Siliconix

  16CTQ060GTRL Datasheet HTML 1Page - Vishay Siliconix 16CTQ060GTRL Datasheet HTML 2Page - Vishay Siliconix 16CTQ060GTRL Datasheet HTML 3Page - Vishay Siliconix 16CTQ060GTRL Datasheet HTML 4Page - Vishay Siliconix 16CTQ060GTRL Datasheet HTML 5Page - Vishay Siliconix 16CTQ060GTRL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93243
4
Revision: 22-Aug-08
16CTQ...GS/16CTQ...G-1
Vishay High Power Products Schottky Rectifier, 2 x 8 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 10 V
IF(AV) - Average Forward Current (A)
014
6
100
120
150
180
210
12
130
160
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
DC
48
170
140
110
0
2
5
7
IF(AV) - Average Forward Current (A)
0
812
6
3
1
6
4
2
10
4
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
RMS limit
DC
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
At any rated load condition
and with rated V
applied
following surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 16CTQ060GTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTQ060GTRL VISHAY-16CTQ060GTRL Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ060GTRLP VISHAY-16CTQ060GTRLP Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ060GTRLPBF VISHAY-16CTQ060GTRLPBF Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
More results

Similar Description - 16CTQ060GTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTQ100PBF VISHAY-16CTQ100PBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQG VISHAY-16CTQG Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQS VISHAY-16CTQS Datasheet
126Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQSPBF VISHAY-16CTQSPBF Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
VS-16CTQ100PBF VISHAY-VS-16CTQ100PBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ060SPBF VISHAY-16CTQ060SPBF_10 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 12-Mar-10
VS-16CTQPBF VISHAY-VS-16CTQPBF_V01 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 8 A
08-Feb-17
VS-16CTQPBF VISHAY-VS-16CTQPBF Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 25-Aug-11
VS-16CTQGSPBF VISHAY-VS-16CTQGSPBF Datasheet
168Kb / 8P
   Schottky Rectifier, 2 x 8 A
Revision: 23-Mar-10
16CTQGSPBF VISHAY-16CTQGSPBF Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com