Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTQ060G Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 16CTQ060G
Description  Schottky Rectifier, 2 x 8 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16CTQ060G Datasheet(HTML) 5 Page - Vishay Siliconix

  16CTQ060G Datasheet HTML 1Page - Vishay Siliconix 16CTQ060G Datasheet HTML 2Page - Vishay Siliconix 16CTQ060G Datasheet HTML 3Page - Vishay Siliconix 16CTQ060G Datasheet HTML 4Page - Vishay Siliconix 16CTQ060G Datasheet HTML 5Page - Vishay Siliconix 16CTQ060G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93243
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
5
16CTQ...GS/16CTQ...G-1
Schottky Rectifier, 2 x 8 A Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (16 = 16 A)
2
-
C = Common cathode
3
-
T = TO-220, TO-262, D2PAK
4
-
Q = Schottky “Q” series
5
-
Voltage ratings
6
-
G = Schottky generation
7
-
None = TO-220
-1 = TO-262
S = D2PAK
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented - for D2PAK only)
TRR = Tape and reel (right oriented - for D2PAK only)
9
-
None = Standard production
PbF = Lead (Pb)-free (for D2PAK tube and TO-262)
P = Lead (Pb)-free (for D2PAK TRL and TRR)
060 = 60 V
080 = 80 V
100 = 100 V
Device code
5
1
3
24
67
8
9
16
C
T
Q
100
G
S
TRL
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95014
Part marking information
http://www.vishay.com/doc?95008
Packaging information
http://www.vishay.com/doc?95032
SPICE model
http://www.vishay.com/doc?95279


Similar Part No. - 16CTQ060G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTQ060G IRF-16CTQ060G Datasheet
165Kb / 6P
   SCHOTTKY RECTIFIER 16 Amp
logo
Vishay Siliconix
16CTQ060G VISHAY-16CTQ060G Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQ060G VISHAY-16CTQ060G Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ060G-1 VISHAY-16CTQ060G-1 Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ060G-1P VISHAY-16CTQ060G-1P Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
More results

Similar Description - 16CTQ060G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16CTQ100PBF VISHAY-16CTQ100PBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQG VISHAY-16CTQG Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQS VISHAY-16CTQS Datasheet
126Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 22-Aug-08
16CTQSPBF VISHAY-16CTQSPBF Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
VS-16CTQ100PBF VISHAY-VS-16CTQ100PBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
16CTQ060SPBF VISHAY-16CTQ060SPBF_10 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 12-Mar-10
VS-16CTQPBF VISHAY-VS-16CTQPBF_V01 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 8 A
08-Feb-17
VS-16CTQPBF VISHAY-VS-16CTQPBF Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 8 A
Revision: 25-Aug-11
VS-16CTQGSPBF VISHAY-VS-16CTQGSPBF Datasheet
168Kb / 8P
   Schottky Rectifier, 2 x 8 A
Revision: 23-Mar-10
16CTQGSPBF VISHAY-16CTQGSPBF Datasheet
512Kb / 6P
   Schottky Rectifier, 2 x 8 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com