Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP22NF03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP22NF03L
Description  N-channel 30 V, 0.0038 廓, 22 A, TO-220 STripFET??II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22NF03L Datasheet(HTML) 4 Page - STMicroelectronics

  STP22NF03L_08 Datasheet HTML 1Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 2Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 3Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 4Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 5Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 6Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 7Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 8Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STP22NF03L
4/12
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS =0
30
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = max ratings
VDS = max ratings,
TC = 125 °C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 11 A
VGS = 5 V, ID = 11 A
0.038
0.045
0.05
0.06
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward
transconductance
VDS= 15 V , ID =11 A
7
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
330
90
40
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 15 V, ID = 11 A
RG =4.7 Ω VGS = 5 V
(see
Figure 13)
13
4
12
5
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 24 V, ID = 22 A,
VGS = 5 V
(see
Figure 14)
6.5
3.6
2
9nC
nC
nC


Similar Part No. - STP22NF03L_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
   N-channel 30V - 0.0038廓 - 22A - TO-220 STripFET??II Power MOSFET
More results

Similar Description - STP22NF03L_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
   N-channel 30V - 0.0038廓 - 22A - TO-220 STripFET??II Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STP80NF70 STMICROELECTRONICS-STP80NF70 Datasheet
429Kb / 13P
   N-channel 68 V, 0.0082 廓, 98 A, TO-220 STripFET??II Power MOSFET
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
   N-channel 30 V, 0.0038 廓, 26 A, SO-8 STripFET??VI DeepGATE??Power MOSFET
STL17N3LLH6 STMICROELECTRONICS-STL17N3LLH6 Datasheet
928Kb / 13P
   N-channel 30 V, 0.0038 廓, 17 A PowerFLAT??3.3x3.3) STripFET??VI DeepGATE??Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
   N-channel 55 V, 0.0060 廓, 80 A, TO-220, D2PAK STripFET??II Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com