Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE0805RDEEA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSE0805RDEEA
Description  Power Metal Strip® Resistors (Extended Range) Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSE0805RDEEA Datasheet(HTML) 1 Page - Vishay Siliconix

  WSE0805RDEEA Datasheet HTML 1Page - Vishay Siliconix WSE0805RDEEA Datasheet HTML 2Page - Vishay Siliconix WSE0805RDEEA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors (Extended Range)
Surface Mount
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30109
36
Revision: 13-Oct-06
WSE
Vishay Dale
FEATURES
• 0805 size resistors with 0.25 W power rating
• Smaller footprint than a 1206 resistor (uses 40 % less
board space)
• Superior overload and pulse handling capability
• SMD alternative for low power leaded wirewound resistors
• Low TCR 15 ppm/°C
• Low noise: < - 40 dB
• Voltage Coefficient: < 0.00001 %/V (< 0.1 ppm/V)
• Very low inductance: < 0.08 µH
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
POWER RATING
P70 °C
W
LIMITING
ELEMENT
VOLTAGE
V
TEMPERATURE
COEFFICIENT
ppm/K
RESISTANCE RANGE
Ω
E-SERIES
± 0.1 %, ± 0.25 %, ± 0.5 %, ± 1 %
WSE0805
0805
0.25
(
P x R)1/2
15, 25
10 - 10K
96
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSE0805
Dielectric Withstanding Voltage
VAC
200
Insulation Resistance
Ω
> 109
Operating Temperature Range
°C
- 65 to + 150
Weight/1000 pieces
g
5.5
GLOBAL PART NUMBER INFORMATION
GLOBAL PART NUMBERING: WSE08051K500FXEA
GLOBAL
MODEL
RESISTANCE
VALUE
TOLERANCE CODE
TCR CODE
PACKAGING CODE
SPECIAL
WSE0805
R = Decimal
K = Thousand
100R0 = 100
Ω
4K000 = 4 k
Ω
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
X = ± 15 ppm/°C
E = ± 25 ppm/°C
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
TG = Tin/Lead, tape/reel (RT1)
BA = Tin/Lead, bulk (B43)
(Dash Number)
(up to 2 digits)
from 1 - 99
as applicable
E
0805
1
K
5
00
F
E
WS
X
A


Similar Part No. - WSE0805RDEEA

ManufacturerPart #DatasheetDescription
logo
SICK AG
WSE11-2K2430 SICK-WSE11-2K2430 Datasheet
1Mb / 6P
   Through-beam photoelectric sensor
WSE11-2N1130 SICK-WSE11-2N1130 Datasheet
1,021Kb / 6P
   Through-beam photoelectric sensor
WSE11-2N2430 SICK-WSE11-2N2430 Datasheet
1Mb / 6P
   Through-beam photoelectric sensor
WSE11-2P1130 SICK-WSE11-2P1130 Datasheet
1,021Kb / 6P
   Through-beam photoelectric sensor
WSE11-2P2430 SICK-WSE11-2P2430 Datasheet
1Mb / 6P
   Through-beam photoelectric sensor
More results

Similar Description - WSE0805RDEEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSE VISHAY-WSE_15 Datasheet
97Kb / 3P
   Power Metal Strip® Resistors (Extended Range), Surface Mount
Revision: 15-Feb-11
WSK0612 VISHAY-WSK0612_15 Datasheet
84Kb / 3P
   Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 28-Oct-13
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 31-Jul-08
WSLE VISHAY-WSLE Datasheet
103Kb / 3P
   Power Metal Strip® Flip Chip (Extended Range) Patents Pending
Revision: 18-Nov-08
WSKW0612 VISHAY-WSKW0612_V01 Datasheet
144Kb / 5P
   Power Metal Strip® Resistors, High Power, Surface-Mount, 4-Terminal
01-Jan-2022
WSK0612 VISHAY-WSK0612 Datasheet
102Kb / 3P
   Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 09-Nov-11
WSL2726 VISHAY-WSL2726_15 Datasheet
98Kb / 4P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
Revision: 11-May-15
WSL2726 VISHAY-WSL2726_11 Datasheet
104Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
Revision: 07-Sep-11
WSL4026 VISHAY-WSL4026_V01 Datasheet
152Kb / 5P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount, 4-Terminal
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com