Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS9NF30L Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # STS9NF30L
Description  N-CHANNEL 30V - 0.015 W - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

STS9NF30L Datasheet(HTML) 6 Page - Advanced Analogic Technologies

  STS9NF30L Datasheet HTML 1Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 2Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 3Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 4Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 5Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 6Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 7Page - Advanced Analogic Technologies STS9NF30L Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STS9NF30L
6/8
Fig. 2: Gate Charge test Circuit
Fig. 3: Test Circuit For Diode Recovery Behaviour
Fig. 1: Switching Times Test Circuits For Resistive
Load


Similar Part No. - STS9NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
More results

Similar Description - STS9NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
   N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
   N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
   N-channel 30V - 0.0085廓 - 11A SO-8 Low gate charge STripFET??II Power MOSFET
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL_07 Datasheet
311Kb / 12P
   Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
269Kb / 8P
   DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
   N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STB36NF03L STMICROELECTRONICS-STB36NF03L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
   N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com